Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PD2-1-R

  • AI
    The **PD2-1-R** is a specific electronic component manufactured by **Mini-Circuits**. It is a 2-way, 0° power splitter/combiner designed for high-frequency RF (Radio Frequency) applications. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the PD2-1-R: | Parameter | Value | Notes | | :--- | :--- | :--- | | **Frequency Range** | 1 - 500 MHz | Covers VHF and lower UHF bands | | **Number of Ways** | 2 | Splits 1 input to 2 outputs (or vice versa) | | **Phase Unbalance** | 1.0° (Max) | High precision phase matching | | **Amplitude Unbalance** | 0.3 dB (Max) | Uniform power distribution | | **Insertion Loss** | 0.4 dB (Typ) | Minimal signal degradation | | **Isolation** | 30 dB (Typ) | High port-to-port signal separation | | **VSWR** | 1.15:1 (Typ) | Low reflection / Good impedance matching | --- ### 2. Functional Description The PD2-1-R serves two main functions in a circuit: 1. **Power Splitter:** It takes an incoming RF signal and divides it into two equal-power output signals that are in phase (0° phase shift relative to each other). 2. **Power Combiner:** It can take two coherent signals and combine them into a single output port. ### 3. Physical & Environmental Characteristics * **Package Type:** It typically uses a surface-mount (SMT) or plug-in package (often the AT224 case style) depending on the specific series suffix. * **RoHS Compliant:** The "R" in the part number usually signifies **RoHS compliance**, meaning it is free from hazardous substances like lead. * **Operating Temperature:** Generally rated for **-40°C to +85°C**, making it suitable for industrial and telecommunications environments. ### 4. Typical Applications * **Antenna Arrays:** Distributing signals to multiple antenna elements. * **Test & Measurement:** Splitting a reference signal to a Device Under Test (DUT) and a monitoring instrument. * **Signal Sampling:** Extracting a small portion of a signal for analysis without disrupting the main path. * **Communication Systems:** Used in base stations and receivers for signal routing. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum power handling capacity of the PD2-1-R?
    • ⤷ Can this component be used in 75-ohm impedance systems?
    • ⤷ How does the isolation value affect signal integrity between the two output ports?