Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PDA024A-700S-R

  • AI
    The **PDA024A-700S-R** is a high-efficiency constant current LED driver manufactured by Phihong. It is specifically designed for indoor architectural lighting and commercial applications. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Output Type** | Constant Current | | **Output Power** | 24 Watts (Maximum) | | **Output Current** | 700 mA | | **Output Voltage Range** | 24V to 34V DC | | **Input Voltage Range** | 90V to 132V AC (North American Standard) | | **Efficiency** | > 82% | | **Power Factor** | > 0.9 | | **IP Rating** | IP20 (Indoor use) | --- ### 2. Major Electronic Components & Features The internal circuitry of the PDA024A-700S-R is comprised of several critical subsystems: #### A. Power Factor Correction (PFC) This unit features an active PFC stage. In modern electronics, this ensures the current drawn is in phase with the voltage, reducing harmonic distortion and improving the overall efficiency of the electrical grid. #### B. Protection Circuitry The device includes robust safety features to protect both the driver and the connected LEDs: * **Short Circuit Protection:** The driver will shut down or enter "hiccup mode" if the output leads are shorted. * **Over-Voltage Protection:** Prevents the output voltage from exceeding safe limits if the LED load fails. * **Over-Temperature Protection:** Reduces current or shuts down if internal temperatures exceed safe operating parameters. #### C. Isolation Transformer As a Class 2 power supply, it utilizes a high-frequency transformer to provide galvanic isolation between the AC mains (primary) and the DC output (secondary). This is a critical safety feature for user protection. #### D. Input/Output Connections * **Input:** Usually color-coded wires (Black for Line, White for Neutral). * **Output:** DC leads (Red for Positive, Black for Negative) providing a steady 700mA. --- ### 3. Application Use-Case Because this driver provides a **700mA constant current**, it is typically used to power: 1. High-power COB (Chip on Board) LEDs. 2. Strings of 1W or 3W LEDs wired in series. 3. Recessed downlights and track lighting systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a constant current and a constant voltage LED driver?
    • ⤷ Can this driver be used with a TRIAC dimmer?
    • ⤷ How do I calculate the maximum number of LEDs I can connect to this driver?