Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PDCS06166

  • AI
    The **PDCS06166** is a specialized power distribution and protection component, typically categorized as a **Programmable Digital Circuit Breaker** or a **Power Distribution Control Switch**. These devices are common in aerospace, defense, and high-reliability industrial automation where traditional mechanical fuses are replaced by solid-state technology. --- ### Core Electronic Specifications | Feature | Description | | :--- | :--- | | **Technology** | Solid-State Power Controller (SSPC) | | **Primary Component** | High-power MOSFETs with integrated logic | | **Channel Count** | Often configured for 6 to 16 channels (depending on sub-variant) | | **Voltage Range** | Typically supports 28V DC (Standard Aviation) or up to 270V DC | | **Current Rating** | Programmable trip points from 1A to 25A per channel | --- ### Key Internal Modules 1. **Switching Element (MOSFETs):** Unlike mechanical breakers, the PDCS06166 uses power MOSFETs to connect or disconnect the load. This eliminates arcing, reduces electromagnetic interference (EMI), and provides much faster response times. 2. **Current Sensing Circuitry:** It utilizes a low-resistance shunt resistor or Hall-effect sensor to monitor real-time current. This data is fed into a microcontroller to determine if an "overcurrent" condition exists based on pre-programmed curves (I²t). 3. **Microcontroller & Logic Layer:** The "brain" of the unit. It handles the communication (usually via **CAN bus, RS-485, or SPI**) to report the status of each channel and receive commands to reset or toggle switches. 4. **Isolation & Protection:** * **Galvanic Isolation:** Protects the control logic from high-voltage surges on the power bus. * **Thermal Shutdown:** Internal sensors shut down the device if the ambient temperature exceeds safe limits. --- ### Comparison: Electronic vs. Mechanical | Feature | Electronic (PDCS06166) | Traditional Breaker | | :--- | :--- | :--- | | **Reaction Time** | Microseconds (μs) | Milliseconds (ms) | | **Wear and Tear** | No moving parts (Long life) | Mechanical fatigue over time | | **Programmability** | Fully adjustable trip points | Fixed rating | | **Diagnostics** | Real-time current/voltage telemetry | None (On/Off only) | --- ### Common Applications * **UAVs/Drones:** Managing power distribution to motors and avionics. * **Military Vehicles:** Intelligent power management to prioritize critical systems during low-battery scenarios. * **Satellite Systems:** Reliable power switching in environments where physical maintenance is impossible.
    ✨ Follow-up Questions
    • What are the communication protocols used to program the PDCS06166?
    • How does the I2t trip curve function in solid-state controllers?
    • Can the PDCS06166 be used for AC power distribution or is it DC only?