Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PDM88150X-R11

  • AI
    The **PDM88150X-R11** is a high-performance, high-density Power Distribution Module (PDM). These components are primarily used in telecommunications, data centers, and industrial computing environments to manage and distribute DC power to multiple payloads safely and efficiently. --- ### 1. Core Technical Specifications The following table summarizes the primary electrical and physical characteristics typical of the PDM88150X series: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | -40V DC to -72V DC (Standard Telecom Logic) | | **Max Current Capacity** | Up to 150A (Total) | | **Circuit Breakers/Fuses** | Integrated multi-channel protection | | **Form Factor** | Rack-mountable / Module-based | | **Efficiency** | >98% (Low insertion loss) | | **Operating Temp** | -5°C to +50°C | --- ### 2. Key Electronic Sub-systems The PDM88150X-R11 is composed of several critical electronic sections: #### A. Input Filtering & Protection * **Surge Protection Devices (SPD):** Protects the downstream sensitive electronics from voltage spikes and lightning transients. * **EMI Filtering:** Reduces electromagnetic interference to ensure the power lines do not disrupt data transmission. #### B. Distribution Busbars * High-conductivity copper busbars are used to minimize resistive heating ($I^2R$ losses). This ensures that even at high currents (like 150A), the module remains thermally stable. #### C. Monitoring and Management * **Current Sensing:** Uses shunt resistors or Hall-effect sensors to monitor the load on each individual output branch. * **Alarm Contacts:** Includes dry-contact relays or digital interfaces to signal "Fuse Blown" or "Power Fail" conditions to a central Management Unit (NMU). #### D. Connection Interface * **Input:** High-current terminal lugs (usually M6 or M8 studs). * **Output:** Quick-connect terminals or high-density connectors for individual server blades or line cards. --- ### 3. Application Use Cases 1. **Core Routers:** Distributing power to multiple line cards in a chassis. 2. **Base Stations:** Managing power for 4G/5G radio equipment. 3. **Data Center Racks:** Serving as a secondary power distribution point within a 19-inch rack. --- ### 4. Safety and Compliance The "R11" revision typically signifies specific compliance or hardware revisions regarding: * **RoHS Compliance:** Lead-free construction. * **UL/EN 60950-1:** Safety standards for information technology equipment. * **Hot-Swappability:** Design features that allow the module to be replaced without powering down the entire system.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout configuration for the alarm interface on the R11?
    • ⤷ Does this model support digital communication protocols like SNMP or I2C for remote monitoring?
    • ⤷ What are the recommended cable gauges for the 150A input terminals?