Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PDU-AH1N-R

  • AI
    The **PDU-AH1N-R** is a specific Power Distribution Unit (PDU) component, often associated with server environments and modular power systems (such as those from Delta or specific industrial power racks). Below is an explanation of its electronic components and functional architecture. --- ### 1. Functional Overview The PDU-AH1N-R acts as the primary interface between the high-current input source and the individual power supply units (PSUs) within a chassis. It handles power routing, monitoring, and protection. ### 2. Key Electronic Components The device is composed of several critical subsystems: | Component Type | Specific Part/Function | Description | | :--- | :--- | :--- | | **Input Connectors** | High-Amperage Terminals | Designed to handle 30A-50A+ inputs, often using heavy-duty busbars or heavy-gauge wiring. | | **Busbar System** | Copper Distribution Rails | Low-resistance copper plates that distribute AC or DC current across the backplane to multiple output slots. | | **Filtering (EMI/EMC)** | X/Y Capacitors & Inductors | Suppresses high-frequency noise and electromagnetic interference to ensure clean power delivery. | | **Protection Circuitry** | Fuses / Breakers | Often includes resettable thermal breakers or high-rupture capacity (HRC) fuses for overcurrent protection. | | **Monitoring Logic** | Microcontroller (MCU) | A small logic board that monitors voltage, current, and temperature, communicating via I2C or PMBus. | | **Output Interface** | Multi-pin Blind-mate Connectors | Specialized connectors (like DIN or proprietary blades) that allow PSUs to "hot-swap" into the unit. | --- ### 3. Electronic Specifications (Typical) While specifications can vary based on the specific revision, the "R" suffix often denotes **Redundancy** or **Rear-mount** configurations. * **Voltage Range:** Typically supports 100V - 240V AC (Auto-ranging). * **Current Rating:** Usually rated for high density (e.g., 32A or 50A total load). * **Communication Protocol:** PMBus 1.2 or SMBus for digital power management. * **Safety Standards:** UL/cUL 60950-1 or IEC 62368-1. --- ### 4. Schematic Logic Flow 1. **AC/DC Input:** Power enters via the main power cord/terminal block. 2. **Surge Protection:** MOV (Metal Oxide Varistors) clamp voltage spikes. 3. **Distribution:** The logic board divides the main rail into sub-rails for each PSU slot. 4. **Telemetry:** Shunt resistors measure the current draw, and the data is sent to the rack management controller. 5. **Output:** Power is delivered to the server blades or PSUs via the backplane. --- ### 5. Maintenance and Safety Due to the high current flowing through the electronic parts of the PDU-AH1N-R: * **Thermal Monitoring:** The internal NTC (Negative Temperature Coefficient) thermistors are critical for preventing fire hazards. * **Hot-Swap Safety:** The "short-pin" logic ensures that the ground connection is made first and broken last during insertion/removal to prevent arcing.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the PDU-AH1N-R?
    • ⤷ Does this model support remote power monitoring via IP?
    • ⤷ How do I troubleshoot a 'Power Fail' LED on this specific PDU?