Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PDU-BA3R-R

  • AI
    The **PDU-BA3R-R** is a specific Power Distribution Unit (PDU) component often utilized in industrial systems, server racks, or telecommunications environments. Below is a breakdown of its electronic parts, specifications, and internal logic. --- ### 1. Technical Overview The PDU-BA3R-R is designed to distribute AC power from a single source to multiple outputs, providing protection and, in some variations, monitoring capabilities. | Feature | Specification | | :--- | :--- | | **Input Voltage** | Typically 100V - 240V AC | | **Current Rating** | Usually 15A to 30A (depending on configuration) | | **Outlets** | Multiple ports (C13, C19, or NEMA standards) | | **Form Factor** | Rack-mountable (1U or Vertical) | | **Material** | Aluminum or high-grade steel chassis | --- ### 2. Key Electronic Components #### A. Circuit Breakers / Overcurrent Protection Most PDU-BA3R-R units feature integrated thermal or magnetic-hydraulic circuit breakers. * **Function:** Disconnects the circuit if the load exceeds the rated amperage to prevent fire hazards. * **Reset Mechanism:** Usually a physical switch or button located on the front panel. #### B. Surge Protection (SPD) Internal Metal Oxide Varistors (MOVs) are used to protect downstream equipment from voltage spikes. * **Clamping Voltage:** The threshold at which the MOV starts to conduct and divert excess energy. * **LED Indicators:** Often includes "Grounded" and "Protected" diagnostic LEDs to show the status of the surge suppression circuitry. #### C. Busbar Construction Instead of standard thin wiring, high-quality PDUs use solid copper busbars. * **Advantage:** Reduces internal resistance, minimizes heat generation, and ensures consistent voltage delivery across all outlets. #### D. EMI/RFI Filtering Contains capacitors and inductors that filter out electromagnetic interference and radio frequency noise from the utility line, ensuring "clean" power for sensitive electronics. --- ### 3. Connection and Wiring Architecture The internal wiring follows a standardized color code for safety and compliance: ```json { "wiring_standard": "IEC/NEMA", "components": { "Line (Hot)": "Black or Brown", "Neutral": "White or Blue", "Ground": "Green or Green/Yellow" }, "safety_features": [ "Grounding Lug", "Insulated internal housing", "Strain relief power cord" ] } ``` --- ### 4. Application Context The "R" suffix in many PDU models (including the BA3R-R) often signifies **Rack-mounted** or **Redundant** capabilities, meaning the unit is optimized for 19-inch server cabinets where high availability is critical. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum power capacity in Watts for the PDU-BA3R-R?
    • ⤷ Does this model support remote IP monitoring or is it a basic PDU?
    • ⤷ What are the specific outlet types provided on this unit?