Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PDU-CA3R-R

  • AI
    The **PDU-CA3R-R** is a specific Power Distribution Unit (PDU) component often used in industrial automation and server rack environments. Below is a detailed breakdown of its electronic parts and functional characteristics. --- ### 1. Key Electronic Components The internal architecture of a PDU like the CA3R-R consists of several layers of electronic hardware: | Component | Function | | :--- | :--- | | **Circuit Breakers / Relays** | Provide overcurrent protection and the ability to remotely toggle power to individual outlets. | | **Current Sensors (CTs)** | Hall-effect or shunt sensors that measure real-time amperage usage for monitoring. | | **MCU (Microcontroller)** | The "brain" that processes sensor data and manages communication protocols (SNMP/Modbus). | | **LED Indicators** | Visual status indicators for "Power On," "Grounding Status," and "Fault" conditions. | | **Surge Protection Device (SPD)** | Metal Oxide Varistors (MOVs) that divert high-voltage spikes away from connected equipment. | --- ### 2. Technical Specifications The "CA3R-R" designation usually implies a specific configuration regarding input and output. * **Input Voltage:** Typically 100V - 240V AC (Auto-ranging). * **Current Rating:** Usually rated for 16A to 30A depending on the regional plug type. * **Form Factor:** 1U Rackmount or Zero-U vertical strip. * **Connectivity:** Often includes an RJ45 Ethernet port for remote management and an RS-232/USB port for local configuration. --- ### 3. Circuit Logic & Features The electronics are designed to ensure high availability and safety: 1. **Filtering Circuit:** Uses capacitors and inductors to reduce Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI). 2. **Logic Board:** Separated from high-voltage rails to prevent interference; handles the web interface and user authentication. 3. **Redundancy:** In "R" (Redundant) models, there may be dual-input power feeds to ensure if one circuit fails, the PDU remains powered. ### 4. Typical Internal Wiring Block ```cpp // Logic flow of the PDU Power Management Input_AC -> Main_Breaker -> Surge_Suppressor -> Current_Sensor -> Individual_Relays -> Output_Sockets | L-> MCU_Controller -> Ethernet/Display ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power capacity of the PDU-CA3R-R?
    • ⤷ Does this model support per-outlet power metering?
    • ⤷ How do I configure the remote monitoring features for this PDU?