Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PDU-DM3N-R

  • AI
    The **PDU-DM3N-R** is a specialized **Power Distribution Unit (PDU)** typically designed for data centers, industrial server racks, and network infrastructure. It is classified as a "Monitored" or "Basic" rack PDU depending on the specific manufacturer variant (often associated with brands like CyberPower or specialized industrial suppliers). Below is a breakdown of its electronic components and technical specifications. --- ## 1. Core Electronic Specifications The PDU is engineered to handle high-density power loads while protecting downstream equipment. | Component | Specification | | :--- | :--- | | **Input Voltage** | 100V - 240V AC (Universal) | | **Current Capacity** | 15A - 30A (Model dependent) | | **Input Plug Type** | NEMA L6-30P or C20 Inlet | | **Outlet Configuration** | Typically 8 to 24 outlets (C13 / C19) | | **Frequency** | 50Hz / 60Hz | | **Form Factor** | 1U Horizontal or 0U Vertical Rackmount | --- ## 2. Key Electronic Parts & Modules ### A. Power Input & Filtering * **Integrated Circuit Breaker:** Protects the PDU from overcurrent and short circuits. It acts as a resettable thermal switch. * **EMI/RFI Filtering:** Internal capacitors and inductors that filter out electromagnetic interference and radio frequency noise to ensure "clean" power to sensitive servers. ### B. Distribution Busbar * **Copper Busbars:** Unlike standard power strips that use wires, professional PDUs use solid copper busbars to connect outlets. This reduces heat buildup and ensures stable voltage across all ports. ### C. Monitoring Logic (For "M" Series) * **Digital Ammeter:** An LED/LCD display on the front panel that shows the real-time total current (Amps) being drawn. * **Current Sensor (CT):** An internal current transformer that measures the magnetic field of the incoming power to calculate load. ### D. Housing and Grounding * **Industrial-Grade Metal Housing:** Provides durability and acts as a heat sink for internal components. * **Grounding Lug:** An external screw point to ensure the rack and PDU share a common ground, preventing ESD (Electrostatic Discharge) damage. --- ## 3. Comparison of Features | Feature | PDU-DM3N-R | Standard Power Strip | | :--- | :--- | :--- | | **Mounting** | Rack-optimized (EIA-310-D) | Floor/Desktop | | **Monitoring** | Real-time Amp Display | None | | **Overload Protection** | Magnetic/Thermal Breaker | Basic Fuse (often missing) | | **Plug Retention** | High-retention sockets | Standard loose fit | --- ## 4. Safety and Compliance The electronics are designed to meet global safety standards: * **UL/cUL 60950-1:** Information Technology Equipment Safety. * **RoHS Compliant:** Free of hazardous materials like lead and mercury. * **FCC Class A:** Low electromagnetic emission levels.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the DM3N-R and the switched version of this PDU?
    • ⤷ How do I calculate the total power load for this PDU?
    • ⤷ Does this model support remote SNMP monitoring?