Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PDU-DP3R-R

  • AI
    The **PDU-DP3R-R** is a specialized Power Distribution Unit (PDU) typically used in industrial automation, telecommunications, and high-availability server environments. It is designed for DC power environments (often -48V or +24V systems) to provide redundant power paths and circuit protection. --- ### Core Electronic Components and Specifications | Component Type | Description | Technical Function | | :--- | :--- | :--- | | **Input Terminals** | Dual A/B Feed Terminals | Provides redundancy; if Feed A fails, Feed B maintains the load. | | **Circuit Breakers** | Magnetic-Hydraulic Breakers | Protects individual channels against overcurrent and short circuits. | | **Busbars** | High-conductivity Copper | Ensures minimal voltage drop across high-current distribution. | | **Monitoring Circuitry** | Microcontroller-based PCB | Monitors voltage and current levels for reporting/alarms. | | **Alarm Relays** | Form C (Dry Contact) Relays | Provides physical signal triggers for "Breaker Tripped" or "Power Loss" states. | | **LED Indicators** | Bi-color Diodes | Visual status: Green (Power OK), Red (Alarm/Fault). | --- ### Key Electronic Features #### 1. Redundant Architecture (Dual Feed) The "DP" in the series often stands for **Dual Path**. The electronic layout is split into two independent halves. This ensures that a single component failure on one side of the PDU does not take down the entire rack. #### 2. Filtering and Protection The internal PCB typically includes: * **TVS Diodes / MOVs:** To suppress transient voltage spikes and protect downstream sensitive electronics. * **Capacitive Filtering:** To reduce ripple noise often found in industrial DC rectifiers. #### 3. Remote Monitoring Interface The "R" suffix usually denotes **Remote Monitoring**. * **Ethernet Port:** Connects to an internal SNMP (Simple Network Management Protocol) agent. * **Web Interface:** Allows technicians to view real-time amperage draw per circuit via a browser. --- ### Pinout and Connectivity Overview | Connection | Type | Purpose | | :--- | :--- | :--- | | **Input Feed** | Stud or Compression Lug | Connection to main DC battery plant or Rectifier. | | **Output Ports** | Terminal Blocks | Power delivery to individual servers/routers. | | **Alarm Port** | DB-9 or RJ-45 | Connection to a Master Alarm Panel (NOC). |
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and amperage ratings for the PDU-DP3R-R?
    • ⤷ How do I configure SNMP traps for remote monitoring on this unit?
    • ⤷ What is the difference between the 'R' and 'Non-R' versions of this PDU?