Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PDU-HH1N-R

  • AI
    The **PDU-HH1N-R** is a specific electronic component often associated with power distribution and management systems, frequently found in server environments or specialized industrial equipment. It is categorized as a Power Distribution Unit (PDU) component. Below is an explanation of its electronic architecture, specifications, and primary functions. --- ### 1. General Specifications The PDU-HH1N-R is designed to handle high-density power input and distribute it to various sub-systems. | Feature | Description | | :--- | :--- | | **Input Type** | High-voltage AC or specialized DC input (model dependent) | | **Form Factor** | Rack-mountable or Modular Chassis Insert | | **Redundancy** | Supported (Dual-feed capability) | | **Monitoring** | Integrated logic for voltage and current sensing | --- ### 2. Core Electronic Components The internal circuitry of the PDU-HH1N-R consists of several critical stages: #### A. Power Inlets & Filtration * **EMI/RFI Filtering:** Contains capacitors and inductors (chokes) to suppress electromagnetic interference from the main power line. * **Surge Protection:** Metal Oxide Varistors (MOVs) are typically included to protect downstream electronics from voltage spikes. #### B. Switching and Control Logic * **Relays/Contactors:** High-current mechanical or solid-state relays used to engage or disengage power paths. * **Microcontroller Unit (MCU):** The "brain" that manages communication, monitors sensor data, and executes safety protocols (like over-current shutdowns). #### C. Sensing Circuitry * **Current Transformers (CTs):** Used to measure the amperage flowing through the unit without breaking the circuit. * **Voltage Dividers:** Precision resistors used to step down high voltage to a level measurable by the MCU. --- ### 3. Safety and Management Features The electronic design prioritizes the protection of connected equipment through the following mechanisms: 1. **Overload Protection:** Includes resettable thermal or magnetic circuit breakers. 2. **LED Status Indicators:** Visual feedback for "Power OK," "Fault," and "Grounding" status. 3. **Communication Interface:** Often features an RJ45 or Serial port for remote monitoring via SNMP or Modbus protocols. --- ### 4. Technical Pinout / Wiring Logic While specific pinouts depend on the manufacturer (often proprietary brands like HP, Dell, or APC), the general wiring logic follows this standard: ```yaml Terminal_L1: Line Input (Hot) Terminal_L2/N: Neutral or Second Phase Terminal_GND: Chassis Ground / Earth Logic_Header: - Pin 1: VCC (5V/3.3V Logic) - Pin 2: Data+ (Communication) - Pin 3: Data- (Communication) - Pin 4: GND (Signal Ground) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the PDU-HH1N-R?
    • ⤷ How do I troubleshoot a 'Fault' LED on this specific PDU?
    • ⤷ Is this model compatible with 110V or 220V power standards?