Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PDU-HM1N-R

  • AI
    The **PDU-HM1N-R** is a specific model of a Power Distribution Unit (PDU), typically designed for industrial or server rack environments. It serves as an intelligent bridge between a primary power source and multiple pieces of electronic equipment. --- ### 1. Key Electronic Components & Functions The internal architecture of this unit consists of several critical electronic subsystems: | Component Category | Description | Primary Function | |:---|:---|:---| | **Power Inlet/Busbar** | Heavy-duty copper tracks or high-gauge wiring. | Distributes high-amperage current to all outlets. | | **Circuit Breakers** | Magnetic or thermal switches (often 20A or 30A). | Protects against overcurrent and short circuits. | | **Microcontroller (MCU)** | Integrated logic board (the "brain"). | Processes sensor data and manages communication protocols. | | **Network Interface Card** | Ethernet controller (RJ45). | Enables remote monitoring via SNMP, Web, or Telnet. | | **Sensors** | Ammeters and Voltmeters. | Real-time tracking of current (A), voltage (V), and power (W). | --- ### 2. Detailed Technical Specifications The electronic design is built to handle high-density power loads while maintaining a slim physical profile. * **Form Factor:** 1U Horizontal Rackmount (fits standard 19-inch racks). * **Power Input:** Usually features a NEMA or IEC-grade plug depending on the region. * **Local Display:** Includes a digital LED/LCD display on the front panel to show real-time load (Amps) to prevent circuit overloading during installation. * **Surge Protection:** Integrated MOV (Metal Oxide Varistor) components to suppress voltage spikes. --- ### 3. Electronic Safety & Management Features The "HM" in the model name often refers to its **Hot-Swappable** or **High Monitoring** capabilities. 1. **Remote Monitoring:** The unit uses an embedded web server allowing IT admins to check power status via a browser. 2. **Threshold Alerts:** Users can set electronic "traps." If the current exceeds a specific threshold, the PDU sends an email alert or SNMP trap before the breaker trips. 3. **Daisy-Chaining:** Often includes an RS-485 or specialized serial port to link multiple PDUs together under a single IP address. --- ### 4. Comparison of Connection Types Most variations of this model utilize standard output types to ensure compatibility with electronic hardware: ```markdown - C13 Outlets: Used for standard servers and networking gear. - C19 Outlets: Used for high-draw blade servers or UPS systems. - NEMA 5-15/20R: Common North American 3-prong outlets. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum amperage capacity for the PDU-HM1N-R?
    • ⤷ Does this model support individual outlet switching or only total load monitoring?
    • ⤷ How do I reset the network configuration on this specific PDU?