Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PE-510-R

  • AI
    The **PE-510-R** is a specific electronic component primarily known as a **Power Inductor** (specifically a Common Mode Choke or Toroidal Inductor) manufactured by companies like Pulse Electronics. It is designed for high-frequency applications, particularly in power supply filtering and signal processing. --- ### 1. Key Technical Specifications The PE-510-R belongs to a family of inductors used for noise suppression. Below are the typical characteristics associated with this part series: | Parameter | Description | | :--- | :--- | | **Component Type** | Toroidal Power Inductor / Common Mode Choke | | **Inductance** | Typically ranges (varies by specific sub-model, often in mH or µH) | | **Current Rating** | Designed for high DC current handling | | **Mounting Type** | Through-hole (THT) or Surface Mount (SMD) depending on suffix | | **Core Material** | Powdered Iron or Ferrite (optimized for low core loss) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Main Functions The PE-510-R serves three primary roles in an electronic circuit: 1. **EMI Filtering:** It filters out Electromagnetic Interference (EMI) from power lines, ensuring the device complies with radiation standards. 2. **Energy Storage:** In switching power supplies (SMPS), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 3. **Ripple Reduction:** It smooths out the output current, reducing the "ripple" voltage that could damage sensitive downstream components. --- ### 3. Physical Construction * **Toroidal Shape:** The "donut" shape is highly efficient. It contains the magnetic flux within the core, which prevents the inductor from interfering with nearby components. * **Lead-Free (R Suffix):** The **"R"** in the part number typically signifies **RoHS Compliance**, meaning the part is manufactured without lead or other hazardous substances. * **Winding:** High-quality copper wiring is wound tightly around the core to achieve specific inductance values while maintaining low DC resistance (DCR). --- ### 4. Common Applications * **Switching Power Supplies (SMPS):** Used in the output stage for DC-DC converters. * **Telecommunications:** Used in line filters for broadband and data transmission. * **Industrial Controls:** Filtering noise in motor drivers and PLC power stages.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the PE-510-R variant?
    • ⤷ Can this part be used in high-temperature automotive environments?
    • ⤷ What are the common alternatives or equivalents to the PE-510-R?