PE34536
AI

The **PE34536** is a high-performance RF (Radio Frequency) component, specifically a **Monolithic Phase and Amplitude Controller (MPAC)** manufactured by pSemi (formerly Peregrine Semiconductor).
It is designed to provide precise control over both the phase and amplitude of an RF signal, typically used in beamforming and antenna system applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 3.4 GHz – 3.8 GHz |
| **Phase Resolution** | 6-bit (64 steps) |
| **Amplitude Resolution** | 6-bit (64 steps) |
| **Insertion Loss** | ~ 4.5 dB |
| **Interface** | Serial Peripheral Interface (SPI) |
| **Package** | 32-lead 5 x 5 mm QFN |
---
### 2. Core Functional Blocks
The PE34536 integrates several electronic subsystems into a single CMOS die:
* **Digital Step Attenuator (DSA):** Provides 6-bit control of the signal amplitude, allowing for fine-tuning of the output power or signal balancing.
* **Digital Phase Shifter (DPS):** Provides 6-bit control over the phase, enabling 360-degree coverage in increments of 5.625 degrees.
* **Digital Control Logic:** A standard 3-wire or 4-wire SPI interface that allows a microcontroller (MCU) or FPGA to set the desired phase and attenuation values.
* **State Memory:** Internal registers that store the current configuration to maintain the signal state.
---
### 3. Application Areas
The PE34536 is primarily utilized in advanced wireless infrastructure:
1. **5G Base Stations:** Used in Massive MIMO (Multiple Input Multiple Output) arrays to direct signal beams toward specific users.
2. **Radar Systems:** Essential for phased-array radars where electronic steering of the beam is required without moving the physical antenna.
3. **Beamforming:** Correcting phase and amplitude imbalances between different paths in a multi-antenna transmitter.
---
### 4. Typical Connection Diagram (Logical)
```mermaid
graph LR
RF_IN[RF Input] --> DSA[Digital Attenuator]
DSA --> DPS[Phase Shifter]
DPS --> RF_OUT[RF Output]
MCU[Microcontroller/FPGA] -- SPI Bus --> Logic[Control Logic]
Logic -.-> DSA
Logic -.-> DPS
```
---
### 5. Benefits of UltraCMOS® Technology
Since the PE34536 is built on pSemi’s **UltraCMOS** (Silicon-on-Sapphire) technology, it offers:
* **High Linearity:** Minimal distortion of the RF signal.
* **Low Power Consumption:** Efficient digital control logic.
* **Monolithic Integration:** Both the RF components and the digital control are on the same chip, reducing the physical footprint on the PCB.
- ⤷
What are the power supply requirements (VDD) for the PE34536?
- ⤷ How does the phase error of the PE34536 vary over the 3.4–3.8 GHz range?
- ⤷ Can the PE34536 be controlled using a parallel interface instead of SPI?