PE36137
AI

### Technical Overview of the PE36137
The **PE36137** is a high-performance, UltraCMOS®-based **SP3T (Single Pole Three Throw) RF Switch** manufactured by pSemi (formerly Peregrine Semiconductor). It is specifically designed for high-power handling and low loss in radio frequency (RF) applications.
---
### 1. Key Technical Specifications
Below is a summary of the primary electronic characteristics:
| Parameter | Specification | Notes |
| :--- | :--- | :--- |
| **Frequency Range** | 5 MHz to 5 GHz | Covers VHF, UHF, and cellular bands. |
| **Power Handling** | 38.5 dBm (CW) | Handles high power (~7 Watts) without damage. |
| **Insertion Loss** | 0.35 dB @ 2 GHz | Very low signal attenuation. |
| **Isolation** | 35 dB @ 2 GHz | High separation between signal paths. |
| **Supply Voltage** | 2.3V to 5.5V | Compatible with standard logic levels. |
| **Package** | 12-lead 2x2 mm QFN | Compact surface-mount footprint. |
---
### 2. Core Features & Technology
#### UltraCMOS® Technology
The PE36137 is built on **Silicon-on-Insulator (SOI)** substrate technology. Unlike standard GaAs (Gallium Arsenide) switches, UltraCMOS offers:
* **High ESD Tolerance:** Better protection against static discharge.
* **Linearity:** Extremely low harmonic distortion.
* **Integration:** Ability to integrate digital control logic on the same chip as the RF core.
#### Switching Configuration
As an **SP3T** switch, it allows a single RF input (RFC) to be routed to one of three output ports (RF1, RF2, or RF3). This is controlled by two digital pins ($V1$ and $V2$).
---
### 3. Truth Table (Control Logic)
The state of the switch is determined by the voltage levels applied to the control pins:
| Path | V1 | V2 |
| :--- | :--- | :--- |
| **RFC to RF1** | Low | Low |
| **RFC to RF2** | High | Low |
| **RFC to RF3** | Low | High |
| **All Paths Off** | High | High |
---
### 4. Typical Applications
The PE36137 is most commonly found in electronic circuits requiring robust signal routing:
1. **Antenna Tuning:** Switching between different antenna paths in mobile devices.
2. **LTE/5G Base Stations:** High-power signal distribution in microcells.
3. **Test and Measurement:** Routing signals in automated test equipment (ATE).
4. **WLAN/Bluetooth:** Switching between various radio standards in IoT devices.
---
### 5. Design Considerations
* **Decoupling:** Standard practice requires a 100 pF decoupling capacitor on the $V_{DD}$ line to filter high-frequency noise.
* **DC Blocking:** The RF ports (RFC, RF1, RF2, RF3) require external DC blocking capacitors if a DC voltage is present on the RF line.
* **Impedance Matching:** The device is designed for 50$\Omega$ systems; PCB traces should be calculated accordingly to prevent signal reflections.
- ⤷
What is the maximum ESD rating for the PE36137 compared to GaAs switches?
- ⤷ Can the PE36137 handle higher power in pulse mode vs continuous wave mode?
- ⤷ What are the specific requirements for the DC blocking capacitors on the RF ports?