Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PI07024Q1-R10M

  • AI
    The **PI07024Q1-R10M** is a high-performance **Power Inductor**, typically utilized in DC-DC converter applications and power management modules. This specific part belongs to a class of surface-mount (SMD) power inductors designed for high current density and efficiency. --- ### 1. Technical Specifications The part number can be broken down to understand its core electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.10 µH (R10) | Low inductance for high-frequency switching. | | **Tolerance** | ±20% (M) | Standard industry tolerance for power inductors. | | **Package Size** | 07024 (approx. 7x7 mm) | Physical footprint (Length x Width). | | **Core Material** | Metal Alloy / Carbonyl Powder | Provides high saturation current and low EMI. | | **Shielding** | Shielded Construction | Minimizes magnetic interference with other parts. | --- ### 2. Key Features * **High Saturation Current ($I_{sat}$):** Designed to maintain inductance even when high levels of current pass through, preventing core saturation. * **Low DCR (DC Resistance):** Uses flat wire or optimized copper windings to reduce power loss through heat (Joule heating). * **AEC-Q200 Qualified:** The "Q1" in the suffix often indicates automotive grade, meaning it is tested for high vibration, thermal shock, and mechanical stress. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply, this metal alloy core offers a gradual drop in inductance. --- ### 3. Application Use Cases This component is typically found in the following electronic environments: 1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs where high current and fast transient responses are required. 2. **Automotive Electronics:** Powering Infotainment systems, ADAS sensors, and LED lighting drivers. 3. **Point of Load (PoL) Converters:** Step-down (Buck) converters converting 12V or 5V rails to lower voltages (1.8V, 1.2V, etc.). --- ### 4. Circuit Representation In a standard Buck Converter schematic, the PI07024Q1-R10M acts as the energy storage element: ```spice * Typical Buck Converter Placement Vin ---- [Switching MOSFET] ----+---- [PI07024Q1-R10M] ---- Vout | | [Diode/Sync] [Capacitor] | | GND GND ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating (Irms) for the PI07024Q1 series?
    • ⤷ How does a metal alloy core compare to a ferrite core in power inductors?
    • ⤷ What are the common alternatives or equivalents for this specific part number?