Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PI07030-R20M

  • AI
    The **PI07030-R20M** is a high-current, surface-mount (SMD) power inductor. It is commonly used in DC-DC converters and voltage regulator modules (VRMs) due to its high efficiency and low profile. --- ### 1. Technical Specifications The part number follows a specific nomenclature. Below are the key electrical characteristics: | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 0.20 µH | The nominal inductance at 100kHz. | | **Tolerance** | ±20% | The "M" suffix denotes a 20% tolerance. | | **Current (Irms)** | ~25A - 32A | The current causing a 40°C temperature rise. | | **Current (Isat)** | ~40A - 55A | The saturation current where inductance drops by 20-30%. | | **DCR (DC Resistance)** | ~0.6mΩ - 1.0mΩ | Measures the internal resistance of the copper coil. | | **Operating Temp** | -55°C to +125°C | Standard industrial/automotive temperature range. | --- ### 2. Physical Construction The PI07030 series is usually an **Iron Powder Core** or **Metal Composite** inductor. This construction offers several advantages: * **Molded Construction:** The copper coil is placed inside a mold, and metal powder is pressed around it. This minimizes "buzz" noise (acoustic noise). * **Shielded Design:** The magnetic field is contained within the body, reducing Electromagnetic Interference (EMI) with neighboring components. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply, composite cores saturate gradually as current increases. --- ### 3. Component Breakdown (Part Numbering) Typically, the code breaks down as follows: | Code Segment | Meaning | | :--- | :--- | | **PI** | Series identifier (Power Inductor / Integrated Inductor). | | **07030** | Physical Dimensions (Approx. 7.0mm x 7.0mm x 3.0mm). | | **R20** | Inductance value (R represents the decimal point: 0.20µH). | | **M** | Tolerance code (M = ±20%). | --- ### 4. Common Applications Due to its low inductance (0.20µH) and high current handling, this part is ideal for: * **GPU/CPU Power Supplies:** Multiphase buck converters. * **POL (Point of Load) Converters:** In servers and networking equipment. * **Battery Powered Devices:** Where high efficiency and small footprint are required. * **Automotive Electronics:** Infotainment and ADAS power rails.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the PI07030-R20M?
    • ⤷ How does the DCR of this inductor affect the efficiency of a buck converter?
    • ⤷ What is the difference between Irms and Isat for this specific component?