Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PIC16C54-RCE/SO

  • AI
    # Technical Overview of PIC16C54-RCE/SO The **PIC16C54-RCE/SO** is an 8-bit CMOS microcontroller belonging to the legacy PIC16C5x family by Microchip Technology. It is based on a RISC architecture and is known for its simplicity and efficiency in low-cost, high-volume applications. --- ## 1. Key Technical Specifications The following table highlights the primary electrical and memory characteristics of this specific variant. | Feature | Specification | | :--- | :--- | | **Architecture** | 8-bit RISC | | **ROM (Program Memory)** | 512 words (EPROM based) | | **RAM (Data Memory)** | 25 wbytes | | **Max Clock Frequency** | 4 MHz | | **Operating Voltage** | 3.0V to 6.25V | | **I/O Pins** | 12 Pins | | **Package Type** | SOIC-18 (Small Outline Integrated Circuit) | | **Temperature Range** | 0°C to +70°C (Commercial) | --- ## 2. Part Number Deciphering Understanding the suffix is critical for identifying the specific operational constraints of the chip: * **PIC16C54**: The base model number. * **RC**: Indicates the Oscillator type (Resistor/Capacitor). This version is optimized for inexpensive RC timing circuits rather than high-precision crystals. * **E**: Extended Voltage range (often associated with specific speed/power profiles). * **SO**: Package code for **SOIC** (Surface Mount Device). --- ## 3. Core Electronic Components & Features ### A. Memory Structure * **EPROM Technology:** The "C" in PIC16C54 indicates CMOS EPROM. In the `/SO` (plastic) package, this is technically **OTP (One-Time Programmable)** because there is no quartz window to erase the memory with UV light. * **Harvard Architecture:** It uses separate buses for instructions and data, allowing for simultaneous access and faster execution. ### B. Instruction Set The device operates on a very small, efficient set of **33 instructions**. Most instructions execute in a single cycle (200ns at 20MHz, though this RC variant is slower). ### C. Peripheral Logic * **8-bit Real-Time Clock/Counter (TMR0):** A hardware timer with an 8-bit programmable prescaler. * **Watchdog Timer (WDT):** An on-chip RC oscillator that provides a reset if the software freezes, enhancing system reliability. * **I/O Ports:** High current sourcing/sinking capabilities allow the chip to drive LEDs directly. ### D. Power Management The device includes a **SLEEP** mode. In this state, the power consumption is extremely low (typically < 3µA at 3V), making it suitable for battery-operated handheld devices. --- ## 4. Typical Application Circuit When using the "RC" oscillator mode, the circuit requirement is minimal: ```text VDD | [Resistor Rext] | OSC1 ---+--- [Capacitor Cext] --- VSS ``` * **OSC1:** Connected to the RC network. * **OSC2/CLKOUT:** Can be used to output the internal clock divided by 4 to synchronize other logic.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the PIC16C54 and the newer PIC16F54?
    • ⤷ Can this microcontroller be reprogrammed after the initial flashing?
    • ⤷ What are the specific resistance and capacitance ranges for the RC oscillator?