Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PK-R-12

  • AI
    The **PK-R-12** (often associated with high-current terminal blocks, industrial connectors, or specific RF/Radio modules depending on the manufacturer) is most commonly recognized in electronic components as a **Power Distribution Terminal Block** or a **Plug-in Relay Connector** used in industrial automation. Below is an explanation of the typical electronic parts and specifications associated with this series. --- ### 1. Key Technical Specifications Most PK-R-12 components are designed for high-voltage and high-current applications. | Feature | Specification (Typical) | | :--- | :--- | | **Rated Voltage** | 250V - 600V AC/DC | | **Rated Current** | 10A - 30A (Depending on wire gauge) | | **Mounting Type** | DIN Rail or Panel Mount | | **Contact Material** | Copper Alloy with Nickel/Tin Plating | | **Housing Material** | Polyamide (PA66) - Flame Retardant | | **Operating Temp** | -40°C to +105°C | --- ### 2. Internal Electronic Structure The "electronic parts" within a PK-R-12 module usually consist of the following: #### A. Busbar / Conductive Path The core is a high-conductivity metal strip (usually tinned copper). Its primary job is to carry current from the input to the output with minimal resistance to prevent heat buildup. #### B. Clamping Mechanism * **Screw Clamp:** Uses a high-torque screw to press the wire against the busbar. * **Spring Clamp:** Uses a constant-pressure spring to ensure the wire does not vibrate loose over time. #### C. Insulation Housing The outer shell is made of high-grade plastic that provides **Dielectric Strength**, preventing electrical arcing between adjacent circuits or the mounting rail. --- ### 3. Application Use Cases The PK-R-12 is typically found in: 1. **Control Cabinets:** Linking PLC (Programmable Logic Controller) outputs to field devices. 2. **Power Distribution:** Splitting a single power source into 12 distinct branch circuits. 3. **Relay Interfaces:** Providing a secure physical connection for 12-pin or 12-channel relay modules. --- ### 4. Part Number Breakdown (Generalized) While naming conventions vary by brand (such as Phoenix Contact or Dinkle), the code usually implies: * **PK:** Product Series (Power/Plug-in Connector). * **R:** Rail-mounted or Relay-compatible. * **12:** Number of positions (poles) or maximum current rating (12 Amps). ---
    ✨ Follow-up Questions
    • ⤷ Is the PK-R-12 you are referring to a specific brand like Phoenix Contact or a generic RF module?
    • ⤷ Do you need the pinout diagram for a 12-pin configuration?
    • ⤷ What is the specific voltage range of your application?