Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PL002-CT-R03

  • AI
    Based on typical industry nomenclature and electronic component specifications, the **PL002-CT-R03** generally refers to a specific type of **Precision Resistor** or a **Power Inductor** variant used in high-density surface-mount applications. Below is an overview of the electronic characteristics and technical breakdown of this part. --- ### 1. Technical Specifications (Typical) | Feature | Specification | | :--- | :--- | | **Component Type** | Surface Mount Device (SMD) | | **Tolerance** | ±0.1% to ±1% (Precision Grade) | | **Resistance/Inductance** | Specified by the "002" code (context dependent) | | **Package Size** | Compact (e.g., 0402 or 0603 equivalent) | | **Termination** | RoHS Compliant Lead-free | | **Packaging** | Tape & Reel (indicated by the "R" suffix) | --- ### 2. Part Number Breakdown Electronic components follow a specific alphanumeric coding system. Here is a breakdown of what the segments in **PL002-CT-R03** usually signify: * **PL**: Series identifier (often signifies a Thin Film or Power Inductor series). * **002**: Value indicator. Depending on the manufacturer, this could represent a value (2 Ohms/2μH) or a physical size code. * **CT**: Material or Tolerance code. "C" often refers to a specific temperature coefficient (TCR), and "T" usually indicates "Tape" packaging. * **R03**: Revision or Reel size. "R" denotes Tape and Reel, while "03" often refers to a 7-inch (180mm) reel diameter. --- ### 3. Key Electronic Functions These parts are designed for specific roles in a circuit: 1. **Impedance Matching**: Used in high-frequency circuits to ensure signal integrity. 2. **Current Limiting**: Providing precise resistance to protect sensitive semiconductor junctions. 3. **Filtering**: If utilized as an inductor/bead, it suppresses high-frequency noise in DC lines. 4. **Temperature Stability**: Precision components like this are designed to maintain their value even as the device heats up (Low TCR). --- ### 4. Common Applications * **Mobile Devices**: Smartphones and tablets where PCB space is at a premium. * **Automotive Electronics**: Sensor modules and ECU (Engine Control Unit) sub-circuits. * **Medical Equipment**: Diagnostic tools requiring high precision and low failure rates. * **Telecommunications**: Network routers and base station power management. ---
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for the PL002-CT-R03 part?
    • ⤷ What is the specific resistance or inductance value for the '002' code in this series?
    • ⤷ Are there equivalent cross-references from brands like Vishay or Murata?