Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PL133-47SC-R

  • AI
    ## Technical Overview of PL133-47SC-R The **PL133-47SC-R** is a high-performance, low-power Clock Fanout Buffer specifically designed for high-frequency clock distribution. It is manufactured by Microchip Technology (formerly PhaseLink). --- ### 1. General Specifications | Feature | Specification | | :--- | :--- | | **Part Number** | PL133-47SC-R | | **Function** | Clock Fanout Buffer / Driver | | **Input Type** | Reference Clock (CMOS/TTL) | | **Output Type** | 4 LVCMOS Outputs | | **Max Frequency** | 150 MHz | | **Operating Voltage** | 2.25V to 3.63V | | **Package Type** | SOP-8 (Small Outline Package) | | **Operating Temp** | 0°C to +70°C (Commercial) | --- ### 2. Core Functional Components The internal architecture of the PL133-47SC-R consists of several critical electronic stages: 1. **Input Buffer Stage:** * Designed to accept a single-ended clock input. * It features high input impedance to minimize loading on the source crystal oscillator. 2. **Internal Logic / Distribution:** * The device acts as a "1:4 buffer," meaning it takes one input signal and duplicates it across four separate output pins. * It ensures minimal propagation delay between the input and the multiple outputs. 3. **Output Driver Stage:** * Low-impedance LVCMOS drivers capable of driving capacitive loads (typically up to 15pF). * Designed for low skew (time difference between outputs), ensuring all four signals stay synchronized. --- ### 3. Key Electronic Characteristics * **Low Skew:** The time difference between the four outputs is extremely small (typically <250ps), which is vital for synchronous digital systems where multiple chips must "tick" at the exact same moment. * **Low Power Consumption:** Utilizing advanced CMOS technology, the chip draws very little current in standby mode and scales power usage based on the output frequency. * **Slew Rate Control:** The internal circuitry is optimized to manage the "rise and fall" times of the clock signal, reducing Electromagnetic Interference (EMI) while maintaining signal integrity at 150MHz. --- ### 4. Pin Configuration (SOP-8) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | REF | Reference Clock Input | | 2-4 | CLK [0:2] | Buffered Clock Outputs | | 5 | VDD | Power Supply (2.5V or 3.3V) | | 6 | CLK 3 | Buffered Clock Output | | 7 | GND | Ground | | 8 | OE | Output Enable (High = Active, Low = High Impedance) | --- ### 5. Application Usage This part is commonly used in: * **Networking Gear:** Distributing clocks to multiple Ethernet PHYs. * **Embedded Systems:** Feeding a single crystal oscillator signal to both a CPU and a peripheral FPGA. * **PC Motherboards:** Managing timing for various chipsets.
    ✨ Follow-up Questions
    • ⤷What is the difference between a clock buffer like the PL133 and a zero-delay buffer?
    • ⤷ How does the 'Output Enable' (OE) pin affect power consumption?
    • ⤷ What are the PCB layout recommendations for high-frequency clock traces?