Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PL500-15SC-R

  • AI
    ## Technical Overview of PL500-15SC-R The **PL500-15SC-R** is a high-performance **Low Phase Noise VCXO (Voltage Controlled Crystal Oscillator)** IC designed by Microchip Technology (formerly PhaseLink). It is specifically engineered to work with fundamental crystals to produce a high-frequency output with exceptional spectral purity. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Function** | Low Phase Noise VCXO | | **Input Frequency** | 17MHz to 36MHz (Fundamental Crystal) | | **Output Frequency** | Same as Crystal Frequency (Buffered) | | **Supply Voltage (VDD)** | 2.25V to 3.63V | | **Output Type** | CMOS | | **Package** | SOP-8 (Small Outline Package) | | **Operating Temp** | 0°C to +70°C (Commercial) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Core Functional Components The internal architecture of the PL500-15SC-R consists of several critical electronic blocks: 1. **Crystal Oscillator Circuit:** Designed to interface with a fundamental mode crystal. It includes internal load capacitance to minimize external component count. 2. **Voltage Control (VC) Input:** This pin allows an external analog voltage to "pull" or tune the frequency of the crystal. It features high linearity and a wide pulling range. 3. **Output Buffer:** A high-speed CMOS buffer that drives the output clock signal while maintaining low jitter and fast rise/fall times. 4. **Low Noise LDO/Regulator:** Internal circuitry ensures that power supply noise is filtered to maintain low phase noise performance. --- ### 3. Pin Configuration (SOP-8) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **VC** | Voltage Control input for frequency tuning. | | 2 | **NC/OE** | No Connect or Output Enable (depending on sub-version). | | 3 | **GND** | Ground connection. | | 4 | **FIN/XIN** | Crystal input or External reference clock. | | 5 | **XOUT** | Crystal output connection. | | 6 | **VDD** | Power supply (2.5V or 3.3V). | | 7 | **CLKOUT** | CMOS Clock Output. | | 8 | **NC** | No Connect. | --- ### 4. Common Applications * **Telecommunications:** Frequency synchronization in SONET/SDH and Ethernet equipment. * **Audio/Video:** Jitter cleaning and clock recovery for high-end digital audio converters (DACs). * **Instrumentation:** Stable frequency reference for measurement devices. * **Wireless:** Local oscillators for RF transceivers. --- ### 5. Part Number Breakdown * **PL500:** Series identifier (Low Phase Noise VCXO). * **15:** Specific internal configuration/gain variant. * **S:** Package type (SOP). * **C:** Temperature grade (Commercial). * **R:** Shipping format (Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency pulling range (PPM) for this device?
    • ⤷ How does the phase noise of the PL500-15 compare to standard XO oscillators?
    • ⤷ What are the recommended external capacitor values for the crystal interface?