Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PL580-37OC-R

  • AI
    The **PL580-37OC-R** is a high-performance Phase Locked Loop (PLL) based clock generator manufactured by Microchip Technology (formerly PhaseLink). It is specifically designed for high-frequency low-jitter clock distribution in telecommunications and networking hardware. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | VCXO (Voltage Controlled Crystal Oscillator) IC / Clock Generator | | **Output Frequency Range** | Up to 640MHz (Differential) | | **Output Logic** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Input Frequency** | 17MHz to 36MHz (Crystal or Reference Clock) | | **Supply Voltage (VDD)** | 2.5V or 3.3V | | **Jitter Performance** | < 0.5ps RMS (12kHz to 20MHz) | | **Package** | 16-Pin TSSOP | --- ### 2. Core Functional Components The internal architecture of the PL580-37OC-R consists of several critical stages: 1. **Reference Input / Crystal Oscillator:** It accepts a fundamental mode crystal or an external reference clock. This serves as the stable timebase for the internal synthesis. 2. **Phase Locked Loop (PLL):** The heart of the chip. It multiplies the input frequency to a high-frequency internal VCO (Voltage Controlled Oscillator). 3. **Frequency Dividers:** The device uses internal dividers to step down the high-speed VCO frequency to the desired output frequency range (multiples of the input). 4. **LVPECL Output Driver:** The output stage converts the internal signal into a differential LVPECL signal, which is standard for high-speed data transmission due to its high noise immunity and fast switching speeds. --- ### 3. Part Number Breakdown (PL580-37OC-R) * **PL580:** The base series identifier for high-performance clock ICs. * **-37:** Represents the specific internal configuration and multiplication ratio. * **O:** Temperature Range (Commercial: 0°C to +70°C). * **C:** Package code (TSSOP-16). * **-R:** Indicates "Tape and Reel" packaging for automated assembly. --- ### 4. Application Use-Cases Because of its low-jitter characteristics and LVPECL output, this component is typically found in: * **SONET/SDH/ATM:** Fiber optic telecommunication systems. * **Ethernet Switches:** High-speed networking gear (1G, 10G, 40G). * **Fibre Channel:** Storage area networks. * **FPGA Clocking:** Providing high-stability reference clocks to high-end FPGAs. --- ### 5. Implementation Example (Schematic Logic) ```c // Typical Signal Path Connectivity [Crystal 25MHz] --> [PL580 Pins: XIN/XOUT] [V-Control] --> [PL580 Pin: VIN] (For frequency tuning) [Output Pins] --> [100 Ohm Differential Termination] --> [FPGA/ASIC] ```
    ✨ Follow-up Questions
    • ⤷What are the specific termination requirements for the LVPECL output of this chip?
    • ⤷ How does the VIN pin allow for frequency tuning in this VCXO?
    • ⤷ What is the difference between the PL580-37 and the PL580-38 variants?