Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PL602-38OC-R

  • AI
    ## Technical Overview of PL602-38OC-R The **PL602-38OC-R** is a high-performance, low-power integrated circuit (IC) designed for frequency synthesis. It belongs to Microchip Technology’s (formerly PhaseLink) family of Phase-Locked Loop (PLL) clock generators. Specifically, it is a **HCSL (Host Clock Signal Level)** clock buffer and frequency synthesizer, commonly used in PCI Express (PCIe) applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Part Number** | PL602-38OC-R | | **Manufacturer** | Microchip Technology | | **Output Type** | HCSL (Host Clock Signal Level) | | **Input Frequency** | 25 MHz (Fundamental Crystal) | | **Output Frequency** | 100 MHz (Optimized for PCIe) | | **Operating Voltage** | 2.5V to 3.3V | | **Package Type** | SOIC-8 (Small Outline Integrated Circuit) | | **Operating Temperature** | 0°C to +70°C (Commercial Grade) | --- ### 2. Functional Components The "Electronic Parts" within this IC consist of several internal blocks that manage the signal: 1. **Crystal Oscillator Interface:** Designed to interface with a 25MHz fundamental crystal. It uses internal capacitors to minimize external component count. 2. **Phase-Locked Loop (PLL):** The core engine that multiplies the 25MHz input to a high-frequency 100MHz output while maintaining phase alignment. 3. **HCSL Output Driver:** Converts the internal logic signal into a differential HCSL signal, which is the standard for high-speed data buses like PCI Express. 4. **Power Management:** Regulates the voltage internally to ensure low jitter performance, even with slight fluctuations in the 2.5V/3.3V supply. --- ### 3. Pin Configuration (SOIC-8) | Pin # | Pin Name | Description | | :--- | :--- | :--- | | 1 | XIN | Crystal Input or Reference Clock Input | | 2 | XOUT | Crystal Output (Leave floating if using Ref Clock) | | 3 | VDD | Power Supply (2.5V or 3.3V) | | 4 | OE | Output Enable (Active High) | | 5 | OUT- | Complementary HCSL Output | | 6 | OUT+ | True HCSL Output | | 7 | GND | Ground | | 8 | NC / PDB | No Connect or Power Down Bit (Variant dependent) | --- ### 4. Applications and Use Cases The PL602-38OC-R is specifically engineered for timing in modern computing architectures: * **PCI Express Gen 1, 2, and 3:** Providing the 100MHz reference clock required for data lanes. * **Network Switches:** Synchronizing high-speed Ethernet controllers. * **Storage Area Networks (SAN):** Used in Host Bus Adapters (HBAs). * **Embedded Systems:** Any FPGA or SoC requiring a low-jitter HCSL clock.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between HCSL and LVDS output types in clock generators?
    • ⤷ How does the 'R' suffix in the part number affect the ordering and packaging?
    • ⤷ What are the specific jitter requirements for PCIe Gen 3 compared to this chip's performance?