PLC-RSC-24UC
AI

The **PLC-RSC-24UC/21** is a specific type of **electromechanical relay interface terminal** manufactured by Phoenix Contact. It is designed to act as an interface between sensitive electronic controllers (like a PLC) and higher-power field loads.
Below is a breakdown of its electronic components, specifications, and architecture.
---
### 1. General Specifications
The part number usually refers to a complete module consisting of a **relay base** and a **pluggable miniature relay**.
| Feature | Specification |
| :--- | :--- |
| **Input Voltage ($U_N$)** | 24 V AC/DC |
| **Contact Type** | 1 PDT (Single Pole Double Throw / Changeover) |
| **Contact Material** | AgSnO (Silver Tin Oxide) |
| **Mounting Type** | DIN Rail (NS 35/7,5) |
| **Width** | 6.2 mm (Ultra-slim design) |
---
### 2. Input Side (Coil Circuit)
The input side is where the PLC sends a signal to trigger the relay.
* **Multi-voltage bridge:** The "UC" in the part number indicates it accepts both **Alternating Current (AC)** and **Direct Current (DC)**.
* **Protection Circuitry:**
* **Bridge Rectifier:** Converts AC input to DC to power the internal coil.
* **Polished Diode / Varistor:** Protects against polarity reversal and voltage surges (suppressor).
* **Status Indicator:** A yellow LED is integrated into the base to show when the relay is energized.
---
### 3. Output Side (Contact Circuit)
The output side handles the actual switching of the load.
* **Switching Capacity:** Typically handles up to **6 A** at 250 V AC/DC.
* **Galvanic Isolation:** Provides safe electrical separation between the low-voltage control side (PLC) and the high-voltage load side.
* **Switching Cycles:** Rated for approximately $1 \times 10^7$ mechanical cycles.
---
### 4. Internal Components Overview
The module is composed of two primary sub-parts:
1. **PLC-BSC-24UC/21 (The Base):**
* Contains the screw terminal blocks.
* Houses the LED and protection circuits.
* Features slots for plug-in bridges (to jump common potentials across multiple relays).
2. **REL-MR-24AC/DC/21 (The Relay):**
* The pluggable mechanical component that performs the actual physical switching.
* Easily replaceable if the contacts wear out without rewiring the base.
---
### 5. Wiring Diagram Logic
The terminal numbering typically follows this standard:
* **A1 / A2:** Control supply (24V AC/DC).
* **11:** Common contact (COM).
* **12:** Normally Closed (NC).
* **14:** Normally Open (NO).
---
- ⤷
What is the difference between the RSC (Screw) and RPT (Push-in) versions of this relay?
- ⤷ How does the silver tin oxide (AgSnO) contact material benefit high-inrush loads?
- ⤷ What are the specific power consumption ratings for the 24UC coil?