Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PLF1D101MDO2

  • AI
    The **PLF1D101MDO2** is a high-performance **Conductive Polymer Aluminum Solid Electrolytic Capacitor** manufactured by **Nichicon**. It belongs to the **LF series**, which is known for its high reliability and low ESR (Equivalent Series Resistance). --- ### 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of the component: | Parameter | Value / Description | | :--- | :--- | | **Capacitance** | 100 µF | | **Rated Voltage (DC)** | 20 V | | **Tolerance** | ±20% (at 120Hz, 20°C) | | **ESR** | 25 mΩ (max at 100kHz to 300kHz, 20°C) | | **Rated Ripple Current** | 2320 mArms (at 100kHz, 105°C) | | **Operating Temperature** | -55°C to +105°C | | **Termination Type** | Radial Lead (Through-Hole) | | **Case Dimensions** | 8.00mm (Diameter) x 11.50mm (Length) | --- ### 2. Key Features and Materials Unlike standard electrolytic capacitors that use liquid electrolytes, the PLF series utilizes a **Conductive Polymer**. * **Solid Electrolyte:** Uses a functional polymer which provides significantly lower ESR compared to liquid electrolytes. * **Stability:** The capacitance remains highly stable across a wide temperature range and frequency spectrum. * **Longevity:** Since there is no liquid to evaporate (dry out), these capacitors have a much longer life expectancy (typically 2,000 hours at 105°C, which translates to decades at room temperature). * **Safety:** They do not explode or leak liquid under stress, making them safer for dense PCBA designs. --- ### 3. Common Applications Due to its low ESR and high ripple current handling, the PLF1D101MDO2 is typically found in: 1. **Motherboards and GPUs:** Used for voltage regulation modules (VRM) and local decoupling. 2. **DC/DC Converters:** Filtering output noise in high-frequency switching power supplies. 3. **Industrial Controls:** Providing stable power in environments with high vibration or temperature fluctuations. --- ### 4. Part Number Breakdown (Nichicon System) Understanding the suffix helps in identifying specific packaging or lead styles: * **PLF:** Series Name (LF Series) * **1D:** Voltage Code (1D = 20V) * **101:** Capacitance Code (10 + 1 zero = 100µF) * **M:** Tolerance (M = ±20%) * **DO:** Case Size Code * **2:** Lead Processing/Packaging Code (Typically refers to cut or formed leads)
    ✨ Follow-up Questions
    • ⤷ How does the ESR of this polymer capacitor compare to a standard liquid electrolytic capacitor?
    • ⤷ What are the specific soldering temperature limits for the PLF series?
    • ⤷ Are there surface-mount (SMD) equivalents for the PLF1D101MDO2?