Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PLF1D151MDO2

  • AI
    The **PLF1D151MDO2** is a high-performance **Conductive Polymer Aluminum Solid Electrolytic Capacitor** manufactured by **Nichicon**. It belongs to the **LF series**, which is known for its extremely low ESR (Equivalent Series Resistance) and high reliability in demanding electronic environments. --- ### 1. Key Technical Specifications The following table outlines the primary electrical and physical characteristics of this component: | Parameter | Specification | |:---|:---| | **Manufacturer** | Nichicon | | **Series** | LF (Conductive Polymer) | | **Capacitance** | 150 µF | | **Tolerance** | ±20% | | **Voltage (Rated)** | 20V DC | | **ESR** | 25 mΩ (at 100kHz / 20°C) | | **Rated Ripple Current** | 3020 mA (rms) | | **Operating Temperature** | -55°C to +105°C | | **Package / Case** | Radial Lead (Through-Hole) | | **Dimensions** | 8.00mm Diameter x 11.50mm Height | | **Endurance** | 2000 hours at 105°C | --- ### 2. Physical and Material Composition * **Electrolyte:** Unlike standard electrolytic capacitors that use a liquid electrolyte, the PLF1D151MDO2 uses a **solid conductive polymer**. This prevents drying out and drastically reduces the risk of leakage or explosion. * **Terminals:** Radial leaded design (two pins protruding from the bottom) for through-hole mounting on Printed Circuit Boards (PCBs). * **Safety Feature:** The "Solid" nature means it has no "vent" in the traditional sense, as there is no liquid to boil or build pressure under normal operating conditions. --- ### 3. Key Advantages 1. **Low ESR:** The 25 mΩ resistance allows for very high efficiency and minimal heat generation during high-frequency switching. 2. **Temperature Stability:** Polymer capacitors maintain consistent capacitance even when temperatures fluctuate, unlike liquid versions which lose performance in the cold. 3. **Longevity:** Since there is no liquid electrolyte to evaporate, the component has a significantly longer operational life in high-heat environments. 4. **High Ripple Current:** It can handle up to 3.02 Amps of ripple current, making it ideal for power filtering. --- ### 4. Common Applications This specific capacitor is typically used in power management circuits where stability and noise reduction are critical: * **Motherboards & Servers:** Used for CPU/GPU voltage regulation (VRM). * **DC-DC Converters:** For smoothing output voltage in switching power supplies. * **Telecommunications:** In base stations and networking hardware. * **Industrial Electronics:** Where long-term reliability is required to minimize maintenance costs. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between this polymer capacitor and a standard aluminum electrolytic capacitor?
    • ⤷ Can this capacitor be used as a direct substitute for a 150uF 16V capacitor?
    • ⤷ What is the significance of the 100kHz frequency rating for the ESR value?