Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PLL102-04SCL-R

  • AI
    The **PLL102-04SCL-R** is a high-performance integrated circuit (IC) designed primarily as a Low Power Phase-Locked Loop (PLL) clock multiplier. It is commonly used in consumer electronics to generate high-frequency system clocks from lower-frequency crystal or reference inputs. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Low Power Clock Multiplier / Buffer | | **Input Frequency Range** | 10 MHz to 27 MHz | | **Output Frequency Range** | 10 MHz to 108 MHz | | **Multiplication Factor** | Fixed (typically 4x) | | **Operating Voltage** | 2.5V to 3.3V | | **Package Type** | SOIC-8 (Small Outline Integrated Circuit) | | **Temperature Range** | 0°C to +70°C (Commercial) | --- ### 2. Core Internal Components The IC functions through several interconnected electronic stages: 1. **Phase Frequency Detector (PFD):** Compares the phase of the input reference signal with the feedback signal. 2. **Charge Pump (CP) & Low Pass Filter (LPF):** Converts the phase difference into a control voltage. The LPF smooths this voltage to minimize "jitter" (timing instability). 3. **Voltage Controlled Oscillator (VCO):** Generates the high-frequency output signal based on the control voltage received from the filter. 4. **Frequency Dividers:** Internal dividers ensure the output frequency is a precise multiple of the input. --- ### 3. Features and Benefits * **Low Jitter:** Designed to provide a clean clock signal, which is critical for high-speed data transmission and synchronization. * **Power Down Mode:** Includes a tri-state output capability, allowing the chip to enter a low-power state when the system is idle. * **Small Footprint:** The SOIC-8 package saves board space in compact devices like tablets or portable media players. * **RoHS Compliant:** The "R" in the part number suffix typically denotes compliance with environmental standards (Lead-Free/RoHS) and Tape & Reel packaging. --- ### 4. Typical Applications * **Digital Video:** Generating clocks for DVD players and Set-Top Boxes. * **Computing:** System clocks for motherboards and peripherals. * **Networking:** Synchronizing data flow in routers and switches. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the SOIC-8 version of this IC?
    • ⤷ How does the PLL102-04 compare to the PLL102-01 in terms of multiplication factors?
    • ⤷ What are the recommended decoupling capacitor values for this chip?