Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PLL502-39OC-R

  • AI
    The **PLL502-39OC-R** is a high-performance Phase-Locked Loop (PLL) based clock generator IC, typically used for frequency translation and jitter attenuation in high-speed networking and telecommunications. --- ### ## Technical Overview The device is part of a family of "Clock Works" ICs designed to take a reference input (usually from a crystal or an external clock) and produce a high-frequency, low-jitter output signal. ### ### Key Specifications | Parameter | Description | | :--- | :--- | | **Manufacturer** | Microchip Technology (formerly PhaseLink) | | **Output Type** | LVPECL (Differential) | | **Input Frequency Range** | 17MHz to 45MHz (typically 25MHz) | | **Output Frequency Range** | 622.08MHz to 800MHz | | **Supply Voltage (VDD)** | 3.3V ± 10% | | **Package Type** | TSSOP-16 | | **Jitter Performance** | Ultra-low period jitter (< 2.5ps RMS) | --- ### ## Core Electronic Components & Architecture 1. **Phase Frequency Detector (PFD):** Compares the phase of the input reference clock against the feedback clock from the internal VCO. 2. **Voltage Controlled Oscillator (VCO):** An internal high-speed oscillator that adjusts its frequency based on the error voltage provided by the PFD and Loop Filter. 3. **Frequency Multiplier:** Uses a fixed or programmable ratio to upscale the input frequency (e.g., converting 25MHz to 622.08MHz). 4. **LVPECL Output Driver:** A differential output stage that provides high-speed, low-noise signal transmission, ideal for driving long traces on PCBs. ### ### Typical Application Circuit The circuit requires specific passive components to ensure stability: * **Decoupling Capacitors:** Usually 0.1µF and 10nF ceramic capacitors placed as close to the VDD pin as possible. * **Termination Resistors:** Since the output is LVPECL, it requires a termination network (typically 50Ω to $V_{DD} - 2V$ or a Thevenin equivalent). --- ### ## Pin Functionality (Key Pins) | Pin Name | Function | | :--- | :--- | | **XIN / XOUT** | Crystal oscillator pins or reference clock input. | | **OE** | Output Enable; controls whether the output is active. | | **VDD / VSS** | Power supply and Ground pins. | | **OUTP / OUTN** | Differential LVPECL output pair. | ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the termination network for the LVPECL output?
    • ⤷ What are the specific crystal requirements for the PLL502-39OC-R?
    • ⤷ Can this IC be used for 10GbE or SONET applications?