Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PLL502-51HSCL-R

  • AI
    The **PLL502-51HSCL-R** is a high-performance, low-phase-noise Phase Locked Loop (PLL) clock multiplier IC designed by Microchip (formerly PhaseLink/Micrel). It is specifically engineered to generate high-frequency differential outputs from low-frequency crystal or clock inputs. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Type** | LVCL (Low Voltage CMOS / Differential compatible) | | **Input Frequency** | 20MHz to 50MHz (Crystal or Reference) | | **Output Frequency** | Up to 200MHz | | **Supply Voltage (VDD)** | 2.5V to 3.3V | | **Package Type** | SOP-8 (Standard Small Outline Package) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Multiplication Factor** | 4x (Fixed) | --- ### 2. Core Functional Parts The internal architecture of the PLL502-51HSCL-R consists of several critical stages: #### A. Crystal Oscillator Circuit This part interfaces with an external AT-cut fundamental crystal. It includes internal load capacitance to minimize the need for external components, ensuring a stable reference frequency. #### B. Phase Locked Loop (PLL) Block The "heart" of the IC. It consists of: * **Phase Frequency Detector (PFD):** Compares the input reference with the feedback signal. * **Charge Pump & Low Pass Filter (LPF):** Converts phase errors into a control voltage. * **Voltage Controlled Oscillator (VCO):** Generates the high-frequency clock signal based on the control voltage. #### C. Differential Output Driver The "HSCL" designation refers to the specific output buffering. It is designed to drive differential lines with high speed and low jitter, making it suitable for high-speed data transfer environments. --- ### 3. Pin Configuration (SOP-8) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | XIN / CLK | Crystal or Reference Clock Input | | 2 | XOUT | Crystal Feedback Output | | 3 | VDD | Power Supply (2.5V - 3.3V) | | 4 | GND | Ground | | 5 | CLK_OUT | Main Clock Output | | 6 | nCLK_OUT | Complementary Clock Output (Differential) | | 7 | OE | Output Enable (High = Active; Low = High Z) | | 8 | NC / FIN | No Connect or Frequency Input (Depending on variant) | --- ### 4. Typical Applications * **Networking:** Gigabit Ethernet and Fiber Channel timing. * **Storage:** SATA/SAS interface clocking. * **Computing:** High-speed I/O and PCIe reference clocks. * **Communications:** Base stations and FPGA clock distribution. ---
    ✨ Follow-up Questions
    • ⤷ What are the jitter performance specifications for this specific PLL?
    • ⤷ How do I calculate the external crystal load requirements for the PLL502-51?
    • ⤷ What is the difference between the HSCL and the Standard CMOS output versions?