Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PLL502-52HSC-R

  • AI
    The **PLL502-52HSC-R** is a high-performance Phase-Locked Loop (PLL) based clock generator chip, typically used for frequency multiplication and clock distribution in high-speed digital systems. ### 1. General Overview The device is designed by Microchip Technology (formerly Micrel/Phaselink). It is part of a family of low-power, high-performance oscillators and clock synthesis ICs. | Attribute | Specification | | :--- | :--- | | **Type** | PLL Clock Multiplier / VCXO | | **Package** | 8-Pin SOIC (Small Outline Integrated Circuit) | | **Input Frequency** | 20MHz to 52MHz (typically) | | **Output Frequency** | Up to 200MHz (depending on configuration) | | **Supply Voltage** | 3.3V (±10%) | | **Output Type** | CMOS / TTL | --- ### 2. Functional Components The IC consists of several internal electronic stages that manage frequency stability and synthesis: 1. **Crystal Oscillator Input (XTAL):** The "Heart" of the chip. It connects to an external crystal or reference clock to establish the base frequency. 2. **Phase Frequency Detector (PFD):** Compares the reference frequency with the feedback frequency to maintain phase alignment. 3. **Voltage Controlled Oscillator (VCO):** Generates the high-frequency signal. The PLL adjusts the VCO until its frequency matches the target multiple of the input. 4. **Frequency Multiplier/Divider:** Internal logic that determines the ratio between the input crystal and the output clock. 5. **Output Buffer:** Drives the resulting clock signal to external components while minimizing jitter and noise. --- ### 3. Key Electronic Characteristics * **Low Phase Noise:** Engineered to have very low timing jitter, which is critical for high-speed data transmission (Ethernet, Fibre Channel). * **Pulling Range:** As a VCXO (Voltage Controlled Crystal Oscillator), it can "pull" or slightly adjust the output frequency based on a control voltage, allowing for fine-tuning. * **Duty Cycle:** Maintains a 45/55% duty cycle, ensuring a balanced clock signal for digital logic. --- ### 4. Typical Applications The PLL502-52HSC-R is commonly found in the following electronic systems: * **Networking Gear:** Switches, routers, and hubs. * **Storage Systems:** SAN and NAS controllers. * **Digital Video:** Set-top boxes and high-definition displays. * **Telecom:** Base stations and frequency synthesis modules. --- ### 5. Part Number Breakdown * **PLL502-52:** The base model/series identifier. * **H:** High-frequency/performance variation. * **SC:** Standard Commercial temperature range (0°C to +70°C). * **-R:** Indicates "Tape and Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the specific jitter specifications for the PLL502-52HSC-R?
    • ⤷ How does a VCXO differ from a standard XO in this chip's application?
    • ⤷ What are the pin-out assignments for the 8-pin SOIC package?