Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PLL520-17OC-R

  • AI
    The **PLL520-17OC-R** is a specialized integrated circuit (IC) primarily used for clock generation and frequency synthesis. It is designed to provide low-jitter, high-performance timing solutions for networking and high-speed communication systems. --- ### 1. General Specifications The device is part of a family of Phase-Locked Loop (PLL) clock multipliers. Below is a summary of its key electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Function** | Low Phase Noise Clock Multiplier | | **Input Frequency Range** | 20MHz to 50MHz (typically) | | **Output Frequency Range** | Up to 800MHz (depending on configuration) | | **Output Type** | PECL (Positive Emitter Coupled Logic) | | **Operating Voltage** | 3.3V | | **Package Type** | SOIC-8 or TSSOP-8 (Standard Small Outline) | --- ### 2. Core Electronic Components & Architecture The IC functions through several internal electronic stages: 1. **Phase Frequency Detector (PFD):** Compares the phase of the input reference clock with the feedback signal. 2. **Charge Pump (CP) & Internal Loop Filter:** Converts the phase error into a control voltage. The "internal" nature of the filter reduces the need for external capacitors, saving PCB space. 3. **Voltage Controlled Oscillator (VCO):** Generates the high-frequency output signal based on the control voltage. 4. **PECL Output Buffer:** A differential output stage designed to drive high-speed transmission lines with minimal signal degradation. --- ### 3. Key Features & Applications #### Features * **Low Jitter:** Engineered to minimize timing deviations, which is critical for data integrity in serial links. * **Multiplication Factor:** It can multiply the input crystal or reference clock frequency to a higher desired frequency. * **Low Power Consumption:** Optimized for 3.3V CMOS/TTL environments. #### Applications * **Gigabit Ethernet:** Providing the base clock for network interface cards. * **Fibre Channel:** High-speed storage networking. * **SONET/SDH:** Telecommunications infrastructure. * **System Clocking:** Distributing clean, high-speed clocks across complex PCBs. --- ### 4. Typical Connection Diagram (Functional) In a typical circuit design, the PLL520-17OC-R requires minimal external components: ```text [ Crystal / OSC ] ----> [ PIN 1: Ref Clock In ] [ PIN 8: VDD (3.3V) ] [ PIN 5/6: PECL Out ] ----> [ High-Speed ASIC ] [ PIN 4: GND ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of PECL outputs over CMOS in this IC?
    • ⤷ How does the 'internal loop filter' affect the overall circuit design?
    • ⤷ What is the typical RMS phase jitter value for this specific part?