Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PLL602-01SC-R

  • AI
    ### Overview of PLL602-01SC-R The **PLL602-01SC-R** is a low-power, high-performance **Clock Multiplier IC** designed by Microchip Technology (formerly PhaseLink). It is specifically engineered to generate high-frequency clock signals from a low-frequency crystal or clock input, utilizing an internal Phase-Locked Loop (PLL). --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Function** | XO (Crystal Oscillator) to LVCMOS Multiplier | | **Input Frequency** | 10 MHz to 27 MHz | | **Output Frequency** | 60 MHz to 160 MHz (typically 4x, 8x, or fixed ratios) | | **Supply Voltage** | 2.5V to 3.3V | | **Output Type** | LVCMOS | | **Operating Temperature** | 0°C to 70°C (Commercial) | | **Package** | 8-Pin SOIC (SOP-8) | | **Status** | Active / Tape & Reel (indicated by the -R suffix) | --- ### Key Electronic Components & Internal Logic The device consists of several critical internal stages that manage frequency synthesis: 1. **Crystal Oscillator Interface:** Contains the circuitry (capacitors and amplifiers) to drive a standard AT-cut crystal. 2. **Phase-Locked Loop (PLL):** The core "engine" that synchronizes the output frequency to the input reference. It multiplies the input frequency while minimizing phase noise. 3. **Frequency Dividers:** Internal dividers determine the multiplication factor (e.g., converting a 25MHz crystal input to a 100MHz clock output). 4. **Output Buffer:** A low-jitter LVCMOS driver that ensures the signal integrity of the high-speed clock across the PCB traces. --- ### Pin Configuration (SOP-8) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | XIN / CLK | Crystal input or reference clock input. | | 2 | XOUT | Crystal output connection. | | 3 | VDD | Power supply (2.5V - 3.3V). | | 4 | GND | Ground connection. | | 5 | CLKOUT | Main clock output signal. | | 6-8 | NC/OE | No connect or Output Enable (depending on specific sub-variant configuration). | --- ### Common Applications * **Networking:** Providing reference clocks for Ethernet PHYs and switches. * **Storage:** Clocking for SATA and Fibre Channel controllers. * **Embedded Systems:** Upgrading low-cost crystal frequencies to high-speed MCU/FPGA requirements. * **Consumer Electronics:** Use in Set-Top Boxes and Digital TVs where low jitter is required for video processing.
    ✨ Follow-up Questions
    • ⤷ What are the jitter performance specifications for the PLL602-01SC-R?
    • ⤷ Can this chip be used with an external reference clock instead of a crystal?
    • ⤷ What is the difference between the 'SC' and 'SI' versions of this IC?