Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PLL602-03OC-R

  • AI
    ## Technical Overview of PLL602-03OC-R The **PLL602-03OC-R** is a high-performance, low-power Clock Generator IC designed by Microchip Technology (formerly PhaseLink/Micrel). It is specifically engineered to provide low-jitter clock outputs for high-speed communication and consumer electronics. --- ### 1. Key Technical Specifications Below are the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Part Number** | PLL602-03OC-R | | **Function** | VCXO (Voltage Controlled Crystal Oscillator) | | **Output Type** | CMOS | | **Operating Voltage** | 3.3V (±10%) | | **Frequency Range** | 1.0MHz to 200MHz | | **Package Type** | SOIC-8 (Small Outline Integrated Circuit) | | **Operating Temperature** | 0°C to +70°C (Commercial Grade) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Core Functional Components The IC integrates several critical electronic sections to manage timing signals: * **Phase-Locked Loop (PLL):** The heart of the chip, which multiplies the input frequency to a stable high-frequency output. * **Voltage Controlled Oscillator (VCO):** Allows for fine-tuning of the output frequency based on a control voltage input (V_control). * **Dividers:** Internal logic that scales the VCO frequency down to the specific desired output rate. * **Output Buffers:** Optimized to drive CMOS loads with low electromagnetic interference (EMI). --- ### 3. Pin Configuration (SOIC-8) Understanding the pinout is essential for PCB design: | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **VC** | Voltage Control input for frequency adjustment. | | 2 | **XIN / CLK** | Crystal input or External Reference Clock. | | 3 | **GND** | Ground connection. | | 4 | **FSEL** | Frequency Select pin (determines multiplication factor). | | 5 | **CLKOUT** | Main clock output signal. | | 6 | **VDD** | Power supply (3.3V). | | 7 | **XOUT** | Crystal output connection. | | 8 | **OE** | Output Enable (high to enable, low to tri-state). | --- ### 4. Typical Applications The PLL602-03OC-R is commonly found in circuits requiring precise timing: * **Set-top Boxes:** Synchronizing audio/video streams. * **Networking Gear:** Providing reference clocks for Ethernet and routers. * **Storage Systems:** Used in Fibre Channel and SATA interfaces. * **PC Peripherals:** High-speed data transfer timing. --- ### 5. Design Considerations * **Decoupling:** A 0.1µF ceramic capacitor should be placed as close as possible to the VDD pin to minimize noise. * **Termination:** If the trace to the load is long, a series termination resistor may be required at the CLKOUT pin to prevent signal reflection. * **Crystal Selection:** Use a fundamental mode crystal for optimal stability and jitter performance.
    ✨ Follow-up Questions
    • ⤷ What are the specific jitter performance values for the PLL602-03OC-R?
    • ⤷ How does the FSEL pin logic determine the output frequency?
    • ⤷ Are there automotive-grade equivalents for this specific IC?