Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PLL602-04OC-R

  • AI
    ## Technical Overview of PLL602-04OC-R The **PLL602-04OC-R** is a high-performance, low-phase-noise clock generator Integrated Circuit (IC). It is specifically designed for applications requiring high-precision timing, such as networking, storage, and telecommunications. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Manufacturer** | Microchip Technology (formerly PhaseLink) | | **Part Family** | XO (Crystal Oscillator) Replacement / Clock Multiplier | | **Package Type** | SOIC-8 (Small Outline Integrated Circuit, 8 pins) | | **Input Frequency** | 10MHz to 27MHz (Crystal or Reference Clock) | | **Output Frequency** | Multiplication factor varies, typically up to 200MHz | | **Output Type** | CMOS / TTL | | **Supply Voltage** | 2.5V to 3.3V | --- ### 2. Key Internal Components The IC operates using several critical electronic stages: 1. **Phase-Locked Loop (PLL):** The core of the device. It synchronizes the output frequency with the input reference to ensure stability and low jitter. 2. **Voltage Controlled Oscillator (VCO):** Generates the high-frequency internal signal which is then divided or multiplied based on the configuration. 3. **Frequency Divider/Multiplier:** Allows the user to select specific output frequencies relative to the input crystal. 4. **Charge Pump & Loop Filter:** Maintains the control voltage for the VCO, ensuring the signal does not drift (phase alignment). --- ### 3. Pin Configuration (SOIC-8) Below is the typical pinout functional description: | Pin # | Symbol | Type | Description | | :--- | :--- | :--- | :--- | | 1 | **XIN** | Input | Crystal connection or Reference Clock input. | | 2 | **XOUT** | Output | Crystal connection (leave floating if using Ref Clock). | | 3 | **VDD** | Power | Supply voltage (2.5V or 3.3V). | | 4 | **GND** | Ground | Circuit ground. | | 5 | **CLKOUT** | Output | The synthesized CMOS output clock. | | 6 | **OE** | Input | Output Enable (High = Active, Low = High Impedance). | | 7/8 | **SEL** | Input | Frequency selection pins (configures the multiplier). | --- ### 4. Technical Features & Advantages * **Low Jitter:** Optimized to minimize "timing uncertainty," which is critical for high-speed data transmission. * **Space Efficient:** By using an 8-pin SOIC, it replaces larger, more expensive discrete oscillator modules. * **Flexibility:** The "SEL" pins allow for different multiplication ratios, making it a versatile component for various hardware designs. --- ### 5. Common Applications * **Gigabit Ethernet:** Providing the reference clock for PHY chips. * **Fibre Channel:** High-speed storage area networks. * **ADSL/VDSL:** Telecommunication infrastructure. * **Set-top Boxes:** Synchronizing digital video signals.
    ✨ Follow-up Questions
    • ⤷ What is the maximum output frequency supported by the PLL602-04OC-R?
    • ⤷ Can you explain the difference between the 'OC' and 'SC' suffixes in Microchip clock ICs?
    • ⤷ How does the Output Enable (OE) pin affect power consumption in this device?