Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PLL602-37QCL-R

  • AI
    ## Technical Overview of the PLL602-37QCL-R The **PLL602-37QCL-R** is a high-performance, low-phase-noise **Phase-Locked Loop (PLL) Clock Generator** IC, primarily designed for networking and storage applications (like Fibre Channel and Ethernet). It is manufactured by Microchip (originally under the PhaseLink/Micrel brand). --- ### 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Logic Output** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Frequency Range** | 150MHz to 800MHz (Output) | | **Input Type** | Fundamental Quartz Crystal or Reference Clock | | **Supply Voltage** | 2.5V or 3.3V | | **Phase Jitter** | < 0.5ps (12kHz to 20MHz) | | **Package** | 16-pin QFN (3x3 mm) | | **Packing Type** | Tape and Reel ("-R" suffix) | --- ### 2. Functional Blocks The device operates by taking a relatively low-frequency input and "multiplying" it to a high-frequency, stable output using the following internal components: 1. **Crystal Oscillator Circuit:** Connects to an external crystal to provide the reference frequency. 2. **Phase Frequency Detector (PFD):** Compares the reference clock to the divided output. 3. **Voltage Controlled Oscillator (VCO):** Generates the high-frequency clock signal based on the PFD signal. 4. **LVPECL Output Driver:** Provides a high-speed differential signal characterized by fast edge rates and excellent noise immunity. --- ### 3. Pin Functionality (Common Pins) While the 16-pin QFN is compact, the core pins perform these essential roles: * **XIN / XOUT:** Connections for the reference crystal. * **VCC / VEE:** Positive supply and ground pins. * **OUT / nOUT:** Differential LVPECL output pair. * **OE (Output Enable):** Controls whether the clock output is active or high-impedance. * **FS (Frequency Selection):** Pull-up/down pins used to select the multiplication factor for the output frequency. --- ### 4. Applications and Use-Cases Because of its ultra-low jitter, this part is used in environments where timing precision is critical: * **Fibre Channel / SAN:** Storage Area Networks requiring high data rates. * **Gigabit Ethernet:** Providing the reference clock for PHY (Physical Layer) chips. * **SONET/SDH:** Telecommunication standards that demand high synchronization stability. --- ### 5. Circuit Design Tip When integrating the **PLL602-37QCL-R**, the **LVPECL termination** is critical. Since LVPECL outputs are "open emitter," they require a DC path to ground. A common termination method is using a 50-ohm resistor to $V_{CC}$ - 2V or a Thevenin equivalent circuit.
    ✨ Follow-up Questions
    • ⤷ What are the recommended termination techniques for the LVPECL outputs of this chip?
    • ⤷ How does the Frequency Selection (FS) pin mapping work for this specific model?
    • ⤷ What are the common 2nd source or equivalent replacements for the PLL602 series?