Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PLL602-38QCL-R

  • AI
    The **PLL602-38QCL-R** is a high-performance, low-power integrated circuit (IC) primarily designed as a **Clock Generator / Frequency Multiplier**. It is commonly used in networking, storage, and communication systems to provide stable clock signals with low jitter. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Microchip Technology (formerly PhaseLink) | | **Type** | Clock Generator / VCXO-based PLL | | **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Operating Voltage** | 2.5V or 3.3V | | **Frequency Range** | Up to 800 MHz (depending on configuration) | | **Package** | 16-Pin TSSOP / QFN (Application dependent) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Functional Components The "PLL" in the part number stands for **Phase-Locked Loop**, and its internal architecture consists of several key electronic sections: * **Phase Frequency Detector (PFD):** Compares the phase of an input reference signal (usually from a crystal oscillator) with the feedback signal. * **Voltage Controlled Oscillator (VCO):** Generates the high-frequency output signal. It adjusts its frequency based on the error voltage provided by the PFD and Loop Filter. * **Low-Voltage PECL Drivers:** The output stage uses **LVPECL** logic, which is known for high speed and excellent noise immunity, making it ideal for differential clock distribution. * **Power Management:** Optimized for low power consumption, reducing thermal overhead in dense PCB designs. --- ### 3. Application Use Cases This component is typically found in the following electronic environments: 1. **Fiber Channel & Gigabit Ethernet:** Providing the high-speed heartbeat for data transmission. 2. **SONET/SDH:** Used in telecommunications for synchronous data transfer. 3. **Storage Area Networks (SAN):** Ensuring precise timing between servers and storage arrays. --- ### 4. Part Number Decoder Understanding the suffix and prefix: * **PLL602:** The base series/family. * **38:** Specific configuration for multiplication/frequency range. * **Q:** Often denotes a specific package type (e.g., QFN or TSSOP variant). * **C:** Commercial/Industrial temperature rating. * **L:** Lead-free/RoHS compliant. * **-R:** Tape and Reel (packaging for automated assembly). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific jitter performance metrics for the PLL602-38QCL-R?
    • ⤷ How does LVPECL logic differ from LVDS in clock applications?
    • ⤷ What is the recommended crystal input frequency for this specific IC?