Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PLL620-08OCL-R

  • AI
    The **PLL620-08OCL-R** is a high-performance Phase Locked Loop (PLL) clock multiplier IC designed specifically for high-frequency clock generation in networking and storage applications. It is manufactured by Microchip Technology (formerly PhaseLink/Micrel). --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Function** | Low Jitter Clock Multiplier | | **Input Frequency Range** | 625 kHz to 50 MHz | | **Output Frequency Range** | Up to 800 MHz (Differential) | | **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Supply Voltage** | 3.3V (±10%) | | **Package Type** | SOP-8 (Standard Outline Package) | | **Operating Temperature** | 0°C to +70°C (Commercial Grade) | --- ### 2. Core Functional Components The "Electronic Parts" within this IC work together to stabilize and multiply a reference signal: #### A. Phase Frequency Detector (PFD) The PFD compares the phase of the input reference clock with the feedback signal from the internal oscillator. It generates an error signal proportional to the phase difference. #### B. Charge Pump & Internal Loop Filter The error signal from the PFD drives the Charge Pump, which converts the phase error into a voltage. The internal Loop Filter smooths this voltage, ensuring the output remains stable and free of "jitter" (timing noise). #### C. Voltage Controlled Oscillator (VCO) This is the "heart" of the chip. It generates a high-frequency signal based on the voltage received from the loop filter. In the PLL620-08, this VCO is optimized for high-speed operation (up to 800MHz). #### D. LVPECL Output Drivers To maintain signal integrity at hundreds of Megahertz, the chip uses **LVPECL** outputs. These are differential signals that provide excellent noise immunity and fast switching speeds, which are essential for high-speed data transmission. --- ### 3. Part Number Breakdown (PLL620-08OCL-R) * **PLL620-08**: The base model series (High-frequency PLL). * **O**: Operating Temperature (Commercial: 0°C to 70°C). * **C**: Package Code (SOP-8). * **L**: Lead-free / RoHS Compliant. * **R**: Tape and Reel packaging. --- ### 4. Application Context This component is typically used in: * **Fiber Channel Host Bus Adapters:** Generating precise timing for data storage. * **Gigabit Ethernet:** Creating the base clock for network synchronization. * **SONET/SDH:** Telecommunication infrastructure requiring extremely low jitter.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using LVPECL outputs over CMOS in this chip?
    • ⤷ Can the PLL620-08 be used with a crystal input or only an external clock?
    • ⤷ What is the typical power consumption of this device at 3.3V?