Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PLUG-RJ12

  • AI
    ## Understanding the RJ12 Electronic Connector The **RJ12 (Registered Jack 12)** is a standardized telecommunication interface used for connecting voice and data equipment. While it looks identical to the common RJ11 (phone jack) to the naked eye, its internal electronic configuration is distinct. --- ### 1. Technical Specifications The RJ12 is a **6P6C** connector, meaning it has 6 Positions and 6 Contacts. | Feature | Specification | | :--- | :--- | | **Physical Configuration** | 6P6C (6 Positions, 6 Conductors) | | **Contact Material** | Phosphor Bronze with Gold Plating (typically 3μ" to 50μ") | | **Housing Material** | Polycarbonate (PC) - UL 94V-0 or 94V-2 rated | | **Current Rating** | 1.5 Amps (maximum) | | **Voltage Rating** | 125 Volts AC | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Pinout and Internal Wiring Unlike the RJ11 (which uses 2 or 4 wires), the RJ12 utilizes all six available slots. This allows for three telephone lines or specialized data transmission. | Pin Number | Color Code (Standard) | Function | | :--- | :--- | :--- | | **1** | White/Orange (or White) | Tip 3 (Line 3) | | **2** | White/Blue (or Black) | Tip 2 (Line 2) | | **3** | Blue/White (or Red) | Ring 1 (Line 1) | | **4** | White/Blue (or Green) | Tip 1 (Line 1) | | **5** | Blue/White (or Yellow) | Ring 2 (Line 2) | | **6** | Orange/White (or Blue) | Ring 3 (Line 3) | --- ### 3. Key Electronic Components * **Gold-Plated Contacts:** Essential for preventing oxidation and ensuring low contact resistance over thousands of mating cycles. * **IDC (Insulation Displacement Contacts):** The internal metal "teeth" that pierce the wire insulation to create a cold-weld connection without stripping the wire manually. * **Locking Tab:** A flexible plastic lever that provides mechanical retention, ensuring the plug does not disconnect due to vibration. --- ### 4. Common Applications 1. **Key Telephone Systems (KTS):** Used in office environments to handle multiple lines through a single cable. 2. **RS232/RS485 Serial Communication:** Frequently used in industrial automation (e.g., motor drivers, PLCs) for data transfer. 3. **Cash Drawers:** Most POS (Point of Sale) printers use an RJ12 interface to send a 24V pulse to trigger a cash drawer. 4. **Proprietary Sensors:** Used in smart home or laboratory equipment to provide power and signal lines to sensors. --- ### 5. RJ11 vs. RJ12 Comparison | Feature | RJ11 | RJ12 | | :--- | :--- | :--- | | **Wiring** | 6P2C or 6P4C | 6P6C | | **Active Contacts** | 2 or 4 | 6 | | **Usage** | Standard Home Phones | Industrial / Multi-line | | **Compatibility** | Fits in RJ12 Jack | Fits in RJ12 Jack |
    ✨ Follow-up Questions
    • ⤷ What is the difference between 6P6C and 6P4C connectors?
    • ⤷ Can I use an RJ11 cable in an RJ12 port for data applications?
    • ⤷ What are the common tools required for crimping an RJ12 plug?