Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PM0805-R56K

  • AI
    ### Overview of PM0805-R56K The **PM0805-R56K** is a surface-mount device (SMD) inductor, specifically a high-frequency chip inductor. It is part of the PM0805 series manufactured by Bourns. These components are designed for high-performance RF (Radio Frequency) circuits where stability and precision are required. --- ### Technical Specifications The following table outlines the key electrical and physical parameters of the PM0805-R56K: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.56 µH (560 nH) | | **Tolerance** | ±10% (Indicated by the suffix 'K') | | **Case Size** | 0805 (2.0 mm x 1.25 mm) | | **Q Factor (Min)** | 45 at 25.2 MHz | | **Self-Resonant Frequency (Min)** | 250 MHz | | **DC Resistance (Max)** | 0.95 Ohms | | **Rated Current (Max)** | 400 mA | | **Operating Temperature** | -40°C to +125°C | --- ### Key Features and Construction 1. **Material Construction**: * This inductor typically features a **wire-wound** construction on a ceramic or ferrite core. * The ceramic core provides excellent high-frequency characteristics and a high Self-Resonant Frequency (SRF). 2. **Size (0805)**: * The "0805" designation refers to the physical dimensions: **0.08 inches by 0.05 inches**. * This size offers a balance between power handling and PCB space-saving. 3. **Stability**: * It is designed to maintain a stable inductance value across a wide temperature range and frequency spectrum. --- ### Part Number Breakdown Understanding the nomenclature helps in identifying variants: | Part Segment | Meaning | | :--- | :--- | | **PM** | Series Identifier (Bourns Surface Mount Inductor) | | **0805** | Package Size (EIA 0805 / Metric 2012) | | **R56** | Inductance Value: **R** acts as a decimal point = 0.56 µH | | **K** | Tolerance: **K** represents ±10% | --- ### Applications The PM0805-R56K is primarily used in high-frequency applications, including: * **RF Tuning:** Used in resonant circuits for wireless communication. * **Filtering:** Used in low-pass, high-pass, or band-pass filters to remove noise. * **Impedance Matching:** Ensuring maximum power transfer between RF stages (e.g., between an antenna and an amplifier). * **Decoupling:** Blocking high-frequency noise in power supply lines for sensitive RF ICs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core in 0805 inductors?
    • ⤷ How does the Q factor affect the performance of this inductor in a circuit?
    • ⤷ Can you provide a cross-reference for an equivalent part from another manufacturer like Murata or TDK?