Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PM1210-R015K

  • AI
    The **PM1210-R015K** is a high-precision surface-mount device (SMD) wire-wound chip inductor. It is commonly used in RF circuits, filtering applications, and high-frequency communication devices. --- ### 1. Key Technical Specifications Based on the part number nomenclature (typically associated with manufacturers like Bourns), the specifications are broken down below: | Feature | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.015 µH (15 nH) | "R015" indicates the value. | | **Tolerance** | ±10% | "K" denotes a 10% tolerance range. | | **Package Size** | 1210 (EIA) | 3.2mm x 2.5mm physical footprint. | | **Type** | Wire-wound | Offers higher Q-factors and current handling. | | **Core Material** | Phenolic/Ceramic | Usually non-magnetic for high-frequency stability. | --- ### 2. Electrical Performance Parameters Beyond the basic inductance, these parts are characterized by their behavior in active circuits: * **Self-Resonant Frequency (SRF):** Typically very high (often >1000 MHz), allowing the part to function as an inductor well into the GHz range. * **Quality Factor (Q):** High Q-factor ensures low energy loss in resonant circuits. * **Rated Current ($I_{dc}$):** Usually rated between 400mA to 800mA depending on the specific manufacturer series. * **DC Resistance (DCR):** Low resistance (typically <0.5 Ohms) to prevent excessive heat dissipation and voltage drops. --- ### 3. Applications and Usage This specific component is found in the following environments: 1. **RF Impedance Matching:** Used to match the impedance between an antenna and a transceiver. 2. **EMI Suppression:** Filtering high-frequency noise out of power lines or signal traces. 3. **Frequency Selection:** Part of LC (Inductor-Capacitor) filters in radio receivers. 4. **Decoupling:** Preventing high-frequency signals from interfering with other stages of a circuit. --- ### 4. Part Number Breakdown ```text PM 1210 - R015 K | | | | Series Size Value Tolerance (K=±10%) (0.015uH) ```
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternatives for a PM1210 inductor from other manufacturers?
    • ⤷ How does the Q-factor of a wire-wound inductor compare to a multilayer inductor?
    • ⤷ What is the impact of exceeding the rated current (Idc) on this specific part?