Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PM1210-R33J

  • AI
    ## Overview of PM1210-R33J The **PM1210-R33J** is a surface-mount (SMD) wire-wound chip inductor commonly used in radio frequency (RF) and signal filtering applications. It belongs to the 1210 (3225 metric) package family, known for its balance between compact size and high power handling compared to smaller multilayer inductors. --- ### Technical Specifications The following table outlines the primary electrical and physical characteristics of the component: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.33 µH | The nominal inductance value. | | **Tolerance** | ±5% | Indicated by the suffix "J". | | **Package Size** | 1210 (3225 Metric) | 3.2mm x 2.5mm dimensions. | | **Current Rating (Idc)** | ~450 mA | The maximum continuous DC current. | | **DC Resistance (DCR)** | ~0.50 Ω (Max) | Resistance of the internal wire winding. | | **SRF (Self Resonant Freq)** | ~450 MHz | The frequency where it stops acting as an inductor. | | **Core Material** | Ferrite | High permeability material for efficiency. | | **Construction** | Wire-wound | Wire wrapped around a ceramic or ferrite core. | --- ### Key Component Features 1. **Wire-Wound Construction:** Unlike multilayer inductors, the wire-wound design allows for a much higher **Q-factor** (Quality Factor) and lower DC resistance, making it more efficient for power delivery and signal integrity. 2. **Molded Encapsulation:** The "PM" series is typically encapsulated in a hard epoxy resin, providing excellent mechanical strength and resistance to environmental moisture and vibration. 3. **High Self-Resonant Frequency (SRF):** With an SRF around 450 MHz, this part is highly effective for high-frequency filtering without turning capacitive too early. --- ### Applications * **RF Modules:** Used in matching circuits and antenna filters for wireless communication. * **Power Supplies:** Acts as a small filter inductor in DC-DC converters to smooth out voltage ripples. * **Telecommunications:** Common in modems and routers for signal decoupling. * **EMI Suppression:** Filtering high-frequency noise in sensitive electronic circuits. --- ### Identification Breakdown * **PM:** Series Prefix (Bourns/Generic Wire-wound Chip Inductor). * **1210:** Package Size (0.12 x 0.10 inches). * **R33:** Inductance Value (R acts as decimal; R33 = 0.33 µH). * **J:** Tolerance Code (J = ±5%).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a wire-wound inductor and a multilayer inductor?
    • ⤷ How does the Q-factor affect the performance of the PM1210-R33J in RF circuits?
    • ⤷ What are the equivalent alternative parts for this inductor from other manufacturers?