Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PM1210-R68J

  • AI
    ## Overview of PM1210-R68J The **PM1210-R68J** is a surface-mount (SMD) wire-wound chip inductor manufactured by **Bourns**. It is part of the PM1210 series, which is designed for high-frequency applications and high-reliability circuits. ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.68 µH | | **Tolerance** | ±5% (indicated by 'J') | | **Case Size** | 1210 (3.2 x 2.5 mm) | | **Rated Current** | 450 mA (approximate) | | **DC Resistance (DCR)** | 0.50 Ohms (Max) | | **Self-Resonant Frequency (SRF)** | 160 MHz | | **Operating Temperature** | -40°C to +125°C | --- ### Core Component Breakdown #### 1. Part Number Deciphering * **PM1210**: The series name, where "1210" refers to the physical dimensions in inches (0.12 x 0.10 inches). * **R68**: The inductance value. "R" acts as a decimal point, resulting in **0.68 µH**. * **J**: The tolerance code. "J" stands for **±5%**, which is relatively precise for power inductors. #### 2. Construction and Materials The device utilizes a **wire-wound construction** over a ferrite core. This design offers several advantages over multilayer inductors: * Higher Q (Quality) factors. * Lower DC resistance. * Better current-handling capabilities. * Epoxy resin encapsulation for environmental protection. #### 3. Applications The PM1210-R68J is commonly found in: * **Mobile Devices:** Power management in smartphones and tablets. * **Telecom:** Filtering and decoupling in high-frequency communication lines. * **Automotive:** Infotainment systems and sensor modules. * **General Electronics:** DC/DC converters and voltage regulators. --- ### Comparison with Similar Components | Feature | PM1210-R68J | Multilayer Equivalent | | :--- | :--- | :--- | | **Current Handling** | Higher | Lower | | **Precision** | High (±5%) | Moderate (±10% to 20%) | | **Frequency Range** | Excellent (Wideband) | Narrower | | **Size** | Standard (1210) | Often smaller (0603/0805) | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering profile recommendations for the PM1210 series?
    • ⤷ Can this inductor be used in high-vibration automotive environments?
    • ⤷ What is the 'Q factor' of this specific 0.68uH model?