Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PM20-R012M

  • AI
    The **PM20-R012M** is a high-precision surface-mount (SMD) power inductor commonly used in noise filtering and power management circuits. It belongs to the wire-wound miniature inductor category, designed for high-frequency stability. --- ### 1. Technical Specifications The part number follows a specific nomenclature provided by manufacturers (commonly **Bourns**). Below are the core electrical characteristics: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.012 µH (12 nH) | | **Tolerance** | ±20% (indicated by 'M') | | **Package Size** | 1210 (EIA) / 3225 (Metric) | | **Material** | Wire-wound with a Phenolic/Ferrite core | | **Operating Temperature** | -40°C to +125°C | | **Shielding** | Non-shielded | --- ### 2. Physical and Material Composition * **Construction:** It consists of a copper wire wound around a ceramic or phenolic core. Because the inductance is very low (12 nH), it often uses a non-magnetic core to maintain high $Q$ (Quality Factor) at high frequencies. * **Terminations:** Typically features tin-plated (Sn) over nickel (Ni) barriers to ensure excellent solderability and resistance to leaching during reflow. * **Dimensions:** Approximately $3.2 \times 2.5 \times 2.2$ mm. --- ### 3. Key Electronic Functions The PM20-R012M serves three primary roles in a circuit: 1. **Impedance Matching:** Used in RF (Radio Frequency) stages to match the impedance between an antenna and a transceiver. 2. **High-Frequency Filtering:** Acts as a low-pass filter to block high-frequency noise while allowing DC and low-frequency signals to pass. 3. **Resonance:** Often paired with a capacitor to create an LC resonant circuit for specific frequency tuning. --- ### 4. Typical Applications Because of its small size and high-frequency performance, it is found in: * **Mobile Communication:** Smartphones, GPS modules, and Wi-Fi routers. * **Automotive Electronics:** Infotainment systems and sensor arrays. * **Consumer Tech:** High-speed data interfaces and wearable devices. --- ### 5. Identification Code Breakdown `PM20 - R012 M` * **PM20:** Series identifier (usually 1210 size). * **R012:** Inductance value ($R$ acts as a decimal point, $0.012$ µH). * **M:** Tolerance code ($M = \pm 20\%$).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the PM20-R012M?
    • ⤷ Are there shielded versions of the PM20 series for EMI-sensitive designs?
    • ⤷ What is the Self-Resonant Frequency (SRF) for this specific 12nH inductor?