Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PM20-R018M

  • AI
    The **PM20-R018M** is a high-precision, surface-mount (SMD) wire-wound chip inductor. It belongs to the **PM20 Series**, commonly manufactured by brands like Bourns. These components are designed for high-frequency applications where stability and small form factors are critical. --- ### 1. Technical Specifications The model number contains encoded information about its performance characteristics: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.018 µH (18 nH) | | **Tolerance** | ±20% (indicated by the 'M' suffix) | | **Case Size** | 1210 (Metric 3225) | | **Maximum DC Current** | ~450 mA | | **DC Resistance (DCR)** | ~0.40 Ohms (Max) | | **Self-Resonant Frequency** | ~2500 MHz | | **Core Material** | Non-magnetic (typically Ceramic) | --- ### 2. Key Electronic Features * **Wire-Wound Construction:** Unlike multilayer inductors, the wire-wound design provides a higher Quality Factor (Q) and lower DC resistance, allowing for better efficiency in RF circuits. * **High Resonance:** With a self-resonant frequency in the GHz range, it is highly effective for high-speed signal filtering. * **Thermal Stability:** The ceramic core ensures that the inductance remains stable across a wide temperature range (typically -40°C to +125°C). --- ### 3. Common Applications Due to its low inductance and high frequency response, the PM20-R018M is typically used in: 1. **RF Communication:** Cellular phones, wireless LANs, and Bluetooth modules. 2. **Impedance Matching:** Used in antenna circuits to ensure maximum power transfer. 3. **High-Speed Signal Lines:** Filtering high-frequency noise without distorting the underlying data signal. --- ### 4. Part Number Breakdown Here is how the part number is structured: `PM20` - `R018` `M` * **PM20:** Series designation (Size 1210). * **R018:** Inductance value. The "R" acts as a decimal point (0.018 µH). * **M:** Tolerance code (M = ±20%, K = ±10%, J = ±5%).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between wire-wound and multilayer inductors in RF circuits?
    • ⤷ Can this inductor be used for power supply decoupling?
    • ⤷ What is the recommended soldering profile for the 1210 package size?