Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PM20-R068M

  • AI
    ## Technical Overview of the PM20-R068M The **PM20-R068M** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency applications, signal processing, and power management circuits where small form factors and stable inductance are required. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.068 µH (68 nH) | | **Tolerance** | ±20% | | **Package / Case** | 1210 (Metric 3225) | | **Current Rating (Imax)** | 450 mA | | **DC Resistance (DCR)** | 0.22 Ohms (Max) | | **Self-Resonant Frequency (SRF)** | 500 MHz | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Physical Construction The part belongs to the **PM20 series** (typically manufactured by Bourns). Its construction involves: * **Core Material:** Usually a non-magnetic (phenolic) or ferrite core depending on the specific frequency range. * **Winding:** Fine copper wire wound around the core to achieve the 68nH inductance. * **Termination:** Lead-free, solder-plated terminals compatible with reflow soldering processes. * **Encapsulation:** Molded epoxy resin that provides excellent mechanical strength and resistance to environmental factors like humidity. --- ### 3. Functional Features * **High Q Factor:** Designed to maintain a high quality factor at high frequencies, which is essential for filter performance. * **Compact Size:** The 1210 footprint (3.2mm x 2.5mm) allows for high-density PCB layouts. * **Stability:** The wire-wound design offers better stability across a wide temperature range compared to multilayer ceramic inductors. --- ### 4. Common Applications Due to its low inductance value (68nH) and high SRF, this component is frequently found in: 1. **RF Circuits:** Used for impedance matching and resonance in high-frequency communication devices. 2. **Filtering:** Effective in EMI/RFI suppression for signal lines. 3. **Decoupling:** Used in power supply circuits to block high-frequency noise from reaching sensitive ICs. 4. **Mobile Electronics:** Found in cellular phones, GPS receivers, and WLAN modules. --- ### 5. Part Number Breakdown * **PM20:** Series identifier (typically Bourns Inductor series). * **R068:** The inductance value. "R" acts as a decimal point (0.068 µH). * **M:** Tolerance code. "M" signifies ±20% (whereas "K" would be ±10%).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the PM20 and PM1210 series?
    • ⤷ Can this inductor be used in high-power switching regulators?
    • ⤷ What are the recommended soldering profiles for the 1210 package?