Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PM20-R10M

  • AI
    The **PM20-R10M** is a surface-mount (SMD) fixed inductor, typically manufactured by companies like Bourns. It is part of the PM20 series, known for its small 1210 footprint and reliability in high-frequency applications. --- ### 1. Technical Specifications The part number "R10M" defines the core electrical properties of the component. | Property | Value | Notes | | :--- | :--- | :--- | | **Inductance** | 0.10 µH (100 nH) | "R10" indicates the decimal point | | **Tolerance** | ±20% | Represented by the "M" suffix | | **Package Size** | 1210 (3225 Metric) | 3.2mm x 2.5mm | | **Rated Current** | ~450 mA | Varies slightly by manufacturer | | **Self-Resonant Frequency** | > 450 MHz | High frequency capability | | **DC Resistance (DCR)** | ~0.44 Ohms (Max) | Affects power efficiency | | **Core Material** | Phenolic/Wire-wound | Non-magnetic core for high Q | --- ### 2. Component Construction The PM20 series is a **Wire-wound chip inductor**. Unlike multilayer inductors, these consist of a wire coiled around a ceramic or phenolic core. * **Encapsulation:** The coil is protected by an epoxy resin or molded case, making it resistant to mechanical shock and environmental moisture. * **Terminations:** Usually tinned copper or silver-palladium, designed for lead-free reflow soldering. --- ### 3. Key Applications Because of its low inductance (0.10 µH) and high resonant frequency, this part is used in: 1. **RF Circuits:** Used for impedance matching and signal filtering in wireless communication devices. 2. **High-Speed Data Lines:** To suppress high-frequency noise without distorting the signal. 3. **DC/DC Converters:** Acts as a small energy storage element in low-power miniature power supplies. 4. **Oscillators:** Provides frequency stability in tuning circuits. --- ### 4. Deciphering the Part Number * **PM20:** Series designation (High-current, wire-wound chip inductor). * **R10:** Resistance/Inductance value (R = decimal point; 0.10 microhenries). * **M:** Tolerance code (M = ±20%, K = ±10%, J = ±5%).
    ✨ Follow-up Questions
    • ⤷ What are the alternatives to PM20-R10M if I need a tighter tolerance?
    • ⤷ How does the self-resonant frequency affect its performance in RF circuits?
    • ⤷ Can this inductor be used for power filtering in 12V systems?