Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PM20-R12M

  • AI
    The **PM20-R12M** is a surface-mount (SMD) power inductor commonly used in DC-DC converters and power management circuits. It is part of the PM20 series, typically manufactured by companies like Bourns. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The part number **PM20-R12M** follows a specific naming convention that reveals its electrical properties: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.12 µH | The "R12" indicates 0.12 microhenries. | | **Tolerance** | ±20% | The "M" suffix denotes a 20% tolerance. | | **Package Size** | 1210 (EIA) / 3225 (Metric) | Dimensions are approx. 3.2mm x 2.5mm. | | **Component Type** | Wirewound Inductor | Utilizes a wire coil around a core for high Q factors. | | **Mounting Type** | SMD/SMT | Designed for automated surface mount assembly. | --- ### 2. Electrical Performance Inductors like the PM20-R12M are defined by how they handle current and frequency: * **Self-Resonant Frequency (SRF):** Typically very high (often > 500 MHz) for this low inductance value, making it suitable for high-frequency filtering. * **DC Resistance (DCR):** Usually very low (in the milliohm range), which minimizes power loss and heat generation. * **Rated Current:** This is the maximum current the device can handle before the temperature rises significantly or the core saturates. --- ### 3. Construction and Materials * **Core Material:** Usually ferrite or ceramic. For a low value like 0.12µH, a ceramic core is often used to maintain high frequency performance. * **Encapsulation:** The coil is often molded or coated in epoxy resin to protect against mechanical stress and moisture. * **Terminations:** Features solder-plated end caps (usually Matte Sn over Ni) for easy soldering. --- ### 4. Common Applications The PM20-R12M is versatile and found in various electronic sectors: 1. **Mobile Electronics:** Power management in smartphones and tablets. 2. **RF Circuits:** Used as a choke or for impedance matching in high-frequency communication modules. 3. **Decoupling:** Filtering high-frequency noise out of power supply lines to protect sensitive ICs. 4. **DC-DC Converters:** Small-scale voltage regulation for portable devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum rated current for the PM20-R12M?
    • ⤷ Are there alternative inductors with a lower tolerance than ±20%?
    • ⤷ How does the PM20 series compare to the PM1210 series in terms of footprint?