Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PM20-R39M

  • AI
    ## PM20-R39M: Electronic Component Overview The **PM20-R39M** is a surface-mount (SMD) wire-wound chip inductor commonly used in radio frequency (RF) and signal filtering circuits. Below is a breakdown of its technical specifications and physical characteristics. ### 1. Technical Specifications The part number follows a standard nomenclature where "R39" represents the inductance value and "M" represents the tolerance. | Parameter | Value | Details | | :--- | :--- | :--- | | **Inductance** | 0.39 µH | (390 nH) | | **Tolerance** | ±20% | Indicated by the "M" suffix | | **Case Size** | 1210 (Metric 3225) | 3.2mm x 2.5mm | | **Core Material** | Ferrite / Wire-wound | High stability for signal processing | | **Current Rating** | ~450mA | Typical saturation current (varies by brand) | | **DC Resistance (DCR)** | ~0.45 - 0.65 Ω | Maximum resistance of the wire | | **SRF** | ~250 MHz | Self-Resonant Frequency | --- ### 2. Key Features * **High Q Factor:** Designed to provide low loss at high frequencies. * **Physical Durability:** The wire-wound construction is typically encapsulated in a resin mold, making it resistant to mechanical shock and vibration. * **Compact Footprint:** The 1210 size allows for high-density PCB mounting. * **Wide Temperature Range:** Usually rated for operation between -40°C and +125°C. --- ### 3. Common Applications Due to its inductance value and high-frequency performance, the PM20-R39M is found in: 1. **RF Circuits:** Used for impedance matching and signal tuning in communication devices. 2. **Filtering:** Acting as a low-pass filter to block high-frequency noise in power supply lines. 3. **Mobile Electronics:** Used in tablets, smartphones, and handheld GPS units. 4. **Audio/Video:** Signal processing in consumer electronics. --- ### 4. Part Number Decoding The part number can be broken down as follows: ```text PM 20 - R39 M | | | | | | | +-- Tolerance (M = ±20%) | | +------ Inductance (R39 = 0.39µH) | +------------- Series / Size Identifier +----------------- Manufacturer Prefix (e.g., Bourns) ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the PM20-R39M?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in RF circuits?
    • ⤷ What is the difference between a wire-wound inductor and a multilayer inductor of the same value?