Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PM20-R47M

  • AI
    The **PM20-R47M** is a surface-mount (SMD) fixed inductor commonly used in power management and signal filtering circuits. It belongs to a class of wire-wound chip inductors designed for high reliability and compact performance. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (typically Bourns or similar high-reliability brands). | Parameter | Value | | :--- | :--- | | **Inductance** | 0.47 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **Case Size** | 1210 (Inch) / 3225 (Metric) | | **Core Material** | Phenolic / Ferrite | | **Current Rating** | High Current (Specific to manufacturer, approx. 450mA - 700mA) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Breakdown of Part Number * **PM20**: Series designation (1210 size wire-wound inductor). * **R47**: Inductance value. The "R" acts as a decimal point. $0.47$ µH. * **M**: Tolerance code. $M = \pm20\%$. (Common alternatives are K for 10% or J for 5%). --- ### 3. Physical Construction The PM20 series is typically constructed using a **wire-wound** design on a ceramic or ferrite core. - **Wire-wound:** Offers lower DC resistance (DCR) and higher Q-factors compared to multilayer inductors. - **Encapsulation:** The coil is usually protected by an epoxy resin or molded case to provide mechanical stability and resistance to environmental factors like humidity. --- ### 4. Applications This specific inductor is ideal for various electronic circuits: 1. **DC-DC Converters:** Used for energy storage and smoothing in small power supplies. 2. **Signal Filtering:** Used in RF and communication circuits to block high-frequency noise while allowing low-frequency signals. 3. **Decoupling:** Prevents high-frequency interference from spreading through power lines in consumer electronics. 4. **Mobile Devices:** Its small 1210 footprint makes it suitable for tablets, smartphones, and portable medical devices. --- ### 5. Features - **High Self-Resonant Frequency (SRF):** Allows the part to maintain inductive properties at high frequencies. - **Operating Temperature:** Usually rated from $-40^\circ\text{C}$ to $+125^\circ\text{C}$. - **Pick and Place Ready:** Designed for automated assembly lines with standard tape and reel packaging.
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound and a multilayer inductor?
    • ⤷ How does the 'Q-factor' affect the performance of the PM20-R47M?
    • ⤷ What are the common alternatives if the PM20-R47M is out of stock?