Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PM393D

  • AI
    The **PM393D** is a specialized power management and control component, most commonly recognized as a **Dual Differential Comparator** integrated circuit (IC), often found in power supply modules, battery management systems, and motor controllers. --- ## 1. Core Technical Specifications The PM393D is functionally equivalent to the industry-standard **LM393** series but is often manufactured in specific packages (like DIP-8 or SOP-8) for industrial applications. | Parameter | Typical Value | | :--- | :--- | | **Supply Voltage (Single)** | +2V to +36V | | **Supply Voltage (Dual)** | ±1.0V to ±18V | | **Number of Channels** | 2 (Dual) | | **Output Type** | Open Collector | | **Response Time** | 1.3 μs | | **Low Input Bias Current** | 25 nA | --- ## 2. Key Internal Components & Architecture To understand how the PM393D works, we must look at its internal electronic design: ### A. Differential Input Stage The IC contains two independent voltage comparators. Each compares an **Inverting (-)** and a **Non-inverting (+)** input. It uses high-gain differential amplifiers to detect even millivolt differences between the two pins. ### B. Open Collector Output Unlike standard Op-Amps, the PM393D uses an **Open Collector** output. * **What this means:** The output pin acts like a switch to the ground. * **Requirement:** It requires an external **Pull-up Resistor** to the desired logic voltage (e.g., 5V or 12V). * **Benefit:** This allows the chip to interface easily with different logic levels (TTL, CMOS, etc.). ### C. Power Management Circuitry The "PM" prefix often denotes its optimization for power applications, featuring low quiescent current drain, making it suitable for battery-operated devices where power conservation is critical. --- ## 3. Typical Applications The PM393D is versatile and found in several electronic assemblies: 1. **Voltage Limit Alarms:** Monitoring if a battery voltage falls below a certain threshold. 2. **Zero-Crossing Detectors:** Used in AC power control to identify when the sine wave crosses 0V. 3. **Square Wave Generators:** When combined with a few resistors and a capacitor, it creates clock signals. 4. **Level Translators:** Converting a high-voltage signal into a low-voltage digital signal for a microcontroller. --- ## 4. Pinout Configuration (Standard SOP/DIP-8) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | OUTPUT A | Output of the first comparator | | 2 | INPUT A (-) | Inverting input of the first comparator | | 3 | INPUT A (+) | Non-inverting input of the first comparator | | 4 | GND | Ground / Negative Supply | | 5 | INPUT B (+) | Non-inverting input of the second comparator | | 6 | INPUT B (-) | Inverting input of the second comparator | | 7 | OUTPUT B | Output of the second comparator | | 8 | Vcc | Positive Power Supply | ---
    ✨ Follow-up Questions
    • ⤷ What is the purpose of the open-collector output in the PM393D?
    • ⤷ How does the PM393D differ from a standard LM393?
    • ⤷ What value of pull-up resistor is typically used with this IC?